Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS45 Datasheet(PDF) 173 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 173 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 169Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 170Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 171Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 172Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 173Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 174Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 175Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 176Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 177Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-171
Figure 3.10.24 Transmitted Data Hold Time at End of Transmit
2. 8-bit receive mode
Set the control register to a receive mode and SBICR1<SIOS> to 1 for switching
to the receive mode. Data is received from the SI pin to the shift register in
synchronous with the serial clock, starting from the least significant bit (LSB).
When the 8-bit data is received, the data is transferred from the shift register to
the SBIDBR. The INTS2 (Buffer full) interrupt request is generated to request to
read the received data. The data is then read from the SBIDBR by the interrupt
service program.
When the internal clock is used, the serial clock will stop and automatic-wait
function will be initiated until the received data is read from the SBIDBR.
When the external clock is used, since shift operation is synchronized with the
clock pulse provided externally, the received data should be read from the
SBIDBR before next serial clock input. If the received data is not read, further
data to be received is canceled. The maximum transfer speed when the external
clock is used is determined by the delay time between the time when an interrupt
request is generated and the time when received data is read.
Receiving data is ended by clearing <SIOS> to 0 with the buffer full interrupt
service program or setting SBICR1<SIOINH> to 1. When <SIOS> is cleared,
received data is transferred to the SBIDBR in complete blocks. The received mode
ends when the transfer is complete. In order to confirm if data is surely received
by the program, set SBISR<SIOF> to be sensed. <SIOF> is cleared to 0 when
receiving is complete. After confirming that receiving has ended, the last data is
read. When <SIOINH> is set to 1, receiving data stops. <SIOF> turns 0 (the
received data becomes invalid, therefore no need to read it).
Note:
When the transfer mode is switched, the SBIDBR contents are lost. In case
that the mode needs to be switched, receiving data is concluded by clearing
<SIOS> to 0, read the last data, and then switch the mode.
SCK pin
Bit7
Bit6
<SIOF>
SO pin
tSODH = Min 3.5/fFPH [s] (in NORMAL mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com