Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS45 Datasheet(PDF) 192 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 192 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 188Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 189Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 190Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 191Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 192Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 193Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 194Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 195Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 196Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-190
DC Characteristics (2/2)
Parameter
Symbol
Condition
Min
Typ. (Note 1)
Max
Unit
Darlington drive current
(8 output pins max)
IDAR
(Note 2)
VEXT = 1.5
REXT = 1.1 kΩ
(VCC = 5 V ± 10% only)
−1.0
−3.5
mA
Input leakage current
ILI
0.0
≤ VIN ≤ VCC
0.02
±5
Output leakage current
ILO
0.2
≤ VIN ≤ VCC − 0.2
0.05
±10
µA
Power down voltage
(at stop, RAM back up)
VSTOP
VIL2 = 0.2VCC,
VIH2 = 0.8VCC
2.0
6.0
V
VCC = 5.5 V
45
130
VCC = 4.5 V
50
160
VCC = 3.3 V
70
280
RESET
pull-up resistor
RRST
VCC = 2.7 V
90
400
k
Ω
Pin capacitance
CIO
fc
= 1 MHz
10
pF
Schmitt width
RESET
, NMI , INT0
VTH
0.4
1.0
V
VCC = 5.5 V
45
130
VCC = 4.5 V
50
160
VCC = 3.3 V
70
280
Programmable
pull-up resistor
RKH
VCC = 2.7 V
90
400
k
Ω
NORMAL (Note 3)
19
25
RUN
17
25
IDLE2
12
17
IDLE1
VCC = 5 V ± 10%
fc
= 20 MHz
3.5
5
NORMAL (Note 3)
6.5
10
RUN
5.0
9
IDLE2
4.5
6.5
IDLE1
VCC = 3 V ± 10%
fc
= 12.5 MHz
(Typ. VCC = 3.0 V)
0.8
1.5
mA
SLOW (Note 3)
20
45
RUN
16
40
IDLE2
15
25
IDLE1
VCC = 3 V ± 10%
fs
= 32.768 kHz
(Typ. VCC = 3.0 V)
5
15
µA
Ta
≤ 50°C
10
Ta
≤ 70°C
20
STOP
ICC
Ta
≤ 85°C
VCC =
2.7 V
to 5.5 V
0.2
50
µA
Note 1:
Typical values are for Ta
= 25°C and VCC = 5 V unless otherwise noted.
Note 2:
IDAR is guranteed for total of up to 8 ports.
Note 3:
ICC measurement conditions (NORMAL, SLOW).
Only CPU is operational; output pins are open and input pins are fixed.
IDAR
REXT
VEXT
(Reference) Definition of IDAR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com