Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS45 Datasheet(PDF) 188 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 188 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 184Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 185Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 186Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 187Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 188Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 189Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 190Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 191Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 192Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-186
Watchdog Timer Mode Control Register
7
6
5
4
3
2
1
0
Bit symbol
WDTE
WDTP1
WDTP0
WARM
HALTM1
HALTM0
RESCR
DRVE
WDMOD
(005CH)
Read/Write
R/W
After reset
1
0
0
0
0
0
0
0
Function
WDT
control
0: Disable
1: Enable
Select detecting time
00: 2
15/fSYS
01: 2
17/fSYS
10: 2
19/fSYS
11: 2
21/fSYS
(See Table 3.12.1)
Warm-up
time
Standby mode
00: RUN mode
01: STOP mode
10: IDLE1 mode
11: IDEL2 mode care
1: Internally
connects
WDT out
to the
reset pin
1: Drive the
pin even
in STOP
mode
Note: When the watchdog timer is in operation, T45CR<QCU> is set to 0.
Figure 3.12.4 Watchdog Timer Related Register (1/2)
Watchdog timer out control
0
Don’t care
1
Connects WDT out to a reset
Watchdog timer enable/disable control
0
Disable
1
Enable
Please refer to the section 3.3
“Dual Clock, Standby Function”.
Selection of warm-up time when changing clock
at fc
= 20M Hz, fs = 32.768 kHz
WDMOD<WARM>
Changing to Normal (fc)
Changing to Slow (fc)
0 (2
14/oscillation frequency)
0.8192 ms
500 ms
0 (2
16/oscillation frequency)
3.2768 ms
2000 ms
Selection of warm-up time when returning from the stop mode at fc
= 20M Hz, fs = 32.768 kHz
Warm-up Time
T45CR<QCU>
= 0
T45CR<QCU>
= 1
System Clock
Selection <SYSCK>
Gear Value
<GEAR2:0>
<WARM>
= 0<WARM> = 1
<WARM>
= X
1 (fs)
XXX
(Don’t care)
0.500 s
2.000 s
3.9 ms
000 (fc)
0.8192 ms
3.277 ms
6.4
µs
001 (fc/2)
1.638 ms
6.544 ms
12.8
µs
010 (fc/4)
3.277 ms
13.107 ms
25.6
µs
011 (fc/8)
6.554 ms
26.214 ms
51.2
µs
0 (fc)
100 (fc/16)
13.107 ms
52.429 ms
102.4
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com