Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS45 Datasheet(PDF) 186 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 186 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 182Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 183Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 184Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 185Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 186Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 187Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 188Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 189Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 190Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-184
The watchdog timer consists of 7-stage and 15-stage binary counters which use system
clock (fSYS) as the input clock. The 15-stage binary counter has fSYS/215, fSYS/217, fSYS/219
and fSYS/221 output. Selecting one of the outputs with the WDMOD<WDTP1:0> register
generates a watchdog timer interrupt and outputs watchdog timer out when an overflow
occurs. The binary counter for the watchdog timer should be cleared to 0 with runaway
detecting result software (Instruction) before an interrupt occurs.
Example:
LDW
(WDMOD), B100H
; Disable.
LD
(WDCR), 4EH
; Write clear code.
SET
7, (WDMOD)
; Enable again.
The runaway detecting result can also be connected to the reset pin internally. In this
case, the watchdog timer resets itself.
Figure 3.12.2 Normal Mode
Figure 3.12.3 Reset Mode
For warm-up counter, 27 and 29 output of 15-stage binary counter can be selected using
WDMOD<WARM> register. When a stable-external oscillator is used, shorter warm-up
time is available using T45CR<QCU> register. When <QCU>
= 1, counting value 27 is
selected. When the watchdog timer is in operation, this shorter warm-up time function
cannot be available. This function can be available by setting <QCU>
= 0.
Overflow
n
0
WDT counter
WDT interrupt
WDT clear
(Software)
Clear code of write
n
n
WDT counter
WDT interrupt
8 to 20 states (12.8 to 32
µs at 20 MHz)
Overflow
Internal reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com