Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS45 Datasheet(PDF) 183 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 183 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 179Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 180Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 181Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 182Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 183Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 184Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 185Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 186Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 187Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-181
Table 3.11.2 shows the relations between AD conversion modes and interrupt request.
Table 3.11.2 Relation between AD Conversion Modes and Interrupt Request
ADMOD0
Mode
Interrupt Request
Timing
<ITM0> <REPET> <SCAN>
Fixed channel
single conversion mode
After conversion
X
0
0
Channel scan
single conversion mode
After conversion
X
0
1
After every conversion
0
Fixed channel repeat
conversion mode
After every fourth
conversion
1
1
0
Channel scan
repeat conversion mode
After every scan
conversion
X
1
1
X: Don’t Care
(5) AD conversion time
140 states (14
µs at fc = 20 MHz) are required for AD conversion of one channel.
(6) Storing and reading the AD conversion result
AD conversion results are stored in AD conversion result registers high/low
(ADREG04H/L to ADREG37H/L). These registers are read only.
In fixed channel repeat conversion mode, AD conversion results are stored in order
from ADREG04H/L to ADREG37H/L. Except in this mode, AD conversion results for
channel AN0 and AN4, AN1 and AN5, AN2 and AN6, AN3 and AN7 are stored
severally ADREG04H/L, ADREG15H/L, ADREG26H/L, ADREG37H/L.
Table 3.11.3 shows correspondence between analog input channels and AD
conversion result registers.
Table 3.11.3 Correspondence between Analog Input Channels and
AD Conversion Result Registers
AD Conversion Result Registers
Analog Input
Channel (port 5)
Conversion Modes
except Right
Fixed Channel Repeat
Conversion Mode
(Every fourth conversion)
AN0
ADREG04H/L
AN1
ADREG15H/L
AN2
ADREG26H/L
AN3
ADREG37H/L
AN4
ADREG04H/L
AN5
ADREG15H/L
AN6
ADREG26H/L
AN7
ADREG37H/L
ADREG04H/L
ADREG15H/L
ADREG26H/L
ADREG37H/L
AD conversion result registers bit0 is AD conversion result stored flag <ADRxRF>.
The flag shows that whether those registers are read or not. When AD conversion
results are stored in those registers (ADREGxH or ADREGxL), this flag is set to 1.
When each register is read, this flag is cleared to 0, and AD conversion end flag
ADMOD0<EOCF> is also cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com