Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS45 Datasheet(PDF) 187 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 187 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 183Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 184Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 185Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 186Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 187Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 188Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 189Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 190Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 191Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-185
3.12.2
Control Registers
Watchdog timer (WDT) is controlled by two control registers WDMOD and WDCR.
(1) Watchdog timer mode register (WDMOD)
1. Setting the detecting time of watchdog timer <WDTP>
This 2-bit register is used to set the watchdog timer interrupt time for detecting
the runaway. This register is initialized to WDMOD<WDTP1:0>
= 00 when reset.
The defecting time of WDT is shown Table 3.12.1.
2. Watchdog timer enable/disable control register <WDTE>
When reset, WDMOD<WDTE> is initialized to 1 enable the watchdog timer.
To disable, it is necessary to set this bit to 0 and write the disable code (B1H) in
the watchdog timer control register WDCR. This makes it difficult for the
watchdog timer to be disabled by runaway.
However, it is possible to return from the disable state to enable state by merely
setting <WDTE> to 1.
3. Watchdog timer out reset connection <RESCR>
This register is used to connect the output of the watchdog timer with RESET
terminal, internally. Since WDMOD<RESCR> is initialized to 0 at reset, a reset
by the watchdog timer will not be performed.
(2) Watchdog timer control register (WDCR)
This register is used to disable and clear of binary counter the watchdog timer
function.
•
Disable control
By writting the disable code (B1H) in this WDCR register after clearing
WDMOD<WDTE> to 0, the watchdog timer can be disabled.
WDMOD
← 0 − − − − − X X
Clear WDMOD<WDTE> to “0”.
WDCR
← 1 0 1 1 0 0 0 1
Write the disable code (B1H).
X: Don’t care,
−: No change
•
Enable control
Set WDMOD<WDTE> to 1.
•
Watchdog timer clear control
The binary counter can be cleared and resume counting by writing clear code
(4EH) into the WDCR register.
WDCR
← 0 1 0 0 1 1 1 0
Write the clear code (4EH).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com