Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS45 Datasheet(PDF) 197 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 197 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 193Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 194Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 195Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 196Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 197Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 198Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 199Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 200Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 201Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-195
4.4
Serial Channel Timing
(1) I/O interface mode
1. SCLK input mode
Variable
(Note 1)
32.768 MHz
12.5 MHz
20 MHz
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Min
Max
Unit
SCLK cycke
tSCY
16X
488
µs
1.28 µs
0.8
µs
ns
Output data
→ Falling edge of SCLK
tOSS
tSCY/2 − 5X −
50
91.5
µs
190
100
ns
SCLK rising/falling edge
→ Output data hold
tOHS
5X
− 100
152
µs
300
150
ns
SCLK rising/falling edge
→ Input data hold (Note 2)
tHSR
0
0
0
0
ns
SCLK rising/falling edge
→ Effective data input (Note 2)
tSRD
tSCY − 5X − 100
336
µs
780
450
ns
Note 1: When fs is used as system clock or fs divided by 4 is used as input clock to prescaler.
Note 2: SCLK rising/falling timing; SCLK rising in the rising mode of SCLK,
SCLK falling in the falling mode of SCLK.
2. SCLK output mode
Variable
(Note)
32.768 MHz
12.5 MHz
20 MHz
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Min
Max
Unit
SCLK cycle (Programmable)
tSCY
16X
8192X
488
µs 250 ms 1.28 µs 655.36 µs 0.8 µs 409.6 µsns
Output data
→ SCLK rising edge
tOSS
tSCY − 2X − 150
427
µs
970
550
ns
SCLK rising edge
→ Output data hold
tOHS
2X
− 80
60
µs
80
20
ns
SCLK rising edge
→ Input data hold
tHSR
0
0
0
0
ns
SCLK rising edge
→ Effective data input
tSRD
tSCY − 2X − 150
428
µs
970
550
ns
Note: When fs is used as system clock or fs divided by 4 is used as input clock to prescaler.
(2) UART mode (SCLK0 and SCLK1 are external input)
Variable
(Note)
32.768 MHz
12.5 MHz
20 MHz
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Min
Max
Unit
SCLK cycle
tSCY
4X
+ 20
122
µs
340
220
ns
SCLK low level pulse width
tSCYL
2X
+ 5
6
µs
165
105
ns
SCLK high level pulse width
tSCYH
2X
+ 5
6
µs
165
105
ns
Note: When fs is used as system clock or fs divided by 4 is used as input clock to prescaler.
0
SCLK
(Input falling edge mode)
Output data
TXD
SCLK
Output mode/
input rising edge mode
123
3
2
1
0
tSCY
tOSS
tOHS
tSRD
tHSR
Valid
Valid
Valid
Valid
Input data
RXD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com