Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS45 Datasheet(PDF) 199 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 199 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 195Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 196Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 197Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 198Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 199Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 200Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 201Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 202Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 203Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-197
4.8
Serial Bus Interface Timing
(1) I2C bus mode
Variable
Parameter
Symbol
Min
Typ.
Max
Unit
START command
→ SDA fall
tGSTA
3X
ns
Hold time START condition
tHD:STA
2
nX
ns
SCL low level pulse width
tLOW
2
nX
ns
SCL high level pulse width
tHIGH
2
nX
+ 12X
ns
Data hold time (Input)
tHD:IDAT
0
ns
Data setup time (Input)
tSU:IDAT
250
ns
Data hold time (Output)
tHD:ODAT
7X
11X
ns
Data output
→ SCL rising edge
tODAT
2
nX
− tHD:ODAT
ns
STOP command
→ SDA fall
tFSDA
3X
ns
SDA falling edge
→ SCL rising edge
tFDRC
2
nX
ns
Setup time STOP condition
tSU:STO
2
nX
+ 16X
ns
Note: “n” value is set by SBICR1<SCK2:0>.
tFSDA
tSU:STO
tFDRC
tSU:IDAT
tODAT
tHIGH
tHD:ODAT
tHD:IDAT
tLOW
tGSTA
STOP command
START command
tHD:STA
SDA
SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com