Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS45 Datasheet(PDF) 203 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 203 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 199Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 200Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 201Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 202Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 203Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 204Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 205Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 206Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 207Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-201
(1) I/O port
Symbol
Name
Address
7
6
5
4
3
2
1
0
P07
P06
P05
P04
P03
P02
P01
P00
R/W
Undefined
P0
Port 0
00H
Input mode
P17
P16
P15
P14
P13
P12
P11
P10
R/W
0
0
0
0
0
0
0
0
P1
Port 1
01H
Input mode
P27
P26
P25
P24
P23
P22
P21
P20
R/W
1
1
1
1
1
1
1
1
P2
Port 2
06H
(Prohibit
RMW*)
Input mode
P35
P34
P33
P32
P31
P30 (Note1)
R/W
1
1
1
1
1
1
P3
Port 3
07H
(Prohibit
RMW*)
Input mode
Output mode
P47
P46
P45
P44
P43
P42
P41
P40
R/W
1
1
1
1
1
1
1
1
P4
Port 4
0CH
Input mode
P57
P56
P55
P54
P53
P52
P51
P50
R
P5
Port 5
0DH
Input mode
P67
P66
P65
P64
P63
P62
P61
P60
R/W
1
1
1
1
1
1
1
1
P6
Port 6
12H
(Prohibit
RMW*)
Output mode
Input mode
P77
P76
P75
P74
P73
P72
P71
P70
R/W
1
1
1
1
1
1
1
1
P7
Port 7
13H
Input mode
Note 1: When P30 pin is defined as RD signal output mode (P30F
= 1), clearing the output latch
register P30 to 0 outputs the RD strobe from P30 pin for PSRAM, even when the internal
address is accessed. If the output latch register P30 remains 1, the RD strobe is output only
when the external address is accessed.
Note 2: Port 66 and 67 are also used as XT1, XT2. Therefore these pins are open drain output type.
Read/Write
R/W: Either read or write is possible.
R:
Only read is possible.
W:
Only write is possible.
Prohibit RMW: Prohibit read-modify-write.
(Prohibit RES/SET/TSET/CHG/STCF/ANDCF/ORCF/XORCF instruction.)
Prohibit RMW*: Read-modify-write is prohibited when controlling the PU resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com