Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS45 Datasheet(PDF) 204 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 204 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 200Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 201Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 202Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 203Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 204Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 205Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 206Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 207Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 208Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-202
(2) I/O port control
Symbol
Name
Address
7
6
5
4
3
2
1
0
P07C
P06C
P05C
P04C
P03C
P02C
P01C
P00C
W
0
0
0
0
0
0
0
0
P0CR
Port 0
control
register
02H
(Prohibit
RMW)
0: Input
1: Output (when external access, set as AD7 to AD0 and cleared to “0”.)
P17C
P16C
P15C
P14C
P13C
P12C
P11C
P10C
W
0
0
0
0
0
0
0
0
P1CR
Port 1
control
register
04H
(Prohibit
RMW)
<<Refer to the “P1FC”>>
P17F
P16F
P15F
P14F
P13F
P12F
P11F
P10F
W
0
0
0
0
0
0
0
0
P1FC
Port 1
function
register
05H
(Prohibit
RMW)
P1FC/P1CR
= 00: Input 01: Output 10: AD15 to AD8 11: A15 to A8
P27C
P26C
P25C
P24C
P23C
P22C
P21C
P20C
W
0
0
0
0
0
0
0
0
P2CR
Port 2
control
register
08H
(Prohibit
RMW)
<<Refer to the “P2FC”>>
P27F
P26F
P25F
P24F
P23F
P22F
P21F
P20F
W
0
0
0
0
0
0
0
0
P2FC
Port 2
function
register
09H
(Prohibit
RMW)
P2FC/P2CR
= 00: Input 01: Output 10: A7 to A0 11: A23 to A16
P35C
P34C
P33C
P32C
W
0
0
0
0
P3CR
Port 3
control
register
0AH
(Prohibit
RMW)
0: Input
0: Output
P32M
P34F
P33F
P32F
P31F
P30F
W
W
0
0
0
0
0
0
P3FC
Port 3
function
register
0BH
(Prohibit
RMW)
0: HWR
1: SCK
0: Port
1: SCL/SI
0: Port
1: SDA/SO
0: Port
1: P32M
0: Port
1: WR
0: Port
1: RD
P47C
P46C
P45C
P44C
P43C
P42C
P41C
P40C
W
0
0
0
0
0
0
0
0
P4CR
Port 4
control
register
0EH
(Prohibit
RMW)
0: Input
0: Output
P47F
P44F
P41F
W
W
W
0
0
0
P4FC
Port 4
function
register
10H
(Prohibit
RMW)
0: Port
1: TO6
0: Port
1: TO4
0: Port
1: TO3
P67C
P66C
P65C
P64C
P63C
P62C
P61C
P60C
W
1
1
0
0
0
0
0
0
P6CR
Port 6
control
register
14H
(Prohibit
RMW)
0: Input
0: Output
P77C
P76C
P75C
P74C
P73C
P72C
P71C
P70C
W
0
0
0
0
0
0
0
0
P7CR
Port 7
control
register
15H
(Prohibit
RMW)
0: Input
0: Output
P65F
P63F
P62F
P60F
W
W
W
0
0
0
0
P6FC
Port 6
function
register
16H
(Prohibit
RMW)
0: Port
1: SCLK1
0: Port
1: TXD1
0: Port
1: SCLK0
0: Port
1: TXD0
Note:
With the TMP93CS45, which requires an external ROM, port 0 functions as AD0 to AD7; port 1,
AD8 to AD15 or A8 to A15; P30, the RD signal; P31, the WR signal, regardless of the values set
in P0CR, P1CR, P1FC, P30F and P31F.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com