Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS45 Datasheet(PDF) 208 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 208 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 204Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 205Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 206Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 207Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 208Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 209Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 210Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 211Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 212Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-206
(6) Timer control (1/3)
Symbol
Name
Address
7
6
5
4
3
2
1
0
PRRUN
T5RUN
T4RUN
T3RUN
T2RUN
T1RUN
T0RUN
R/W
R/W
0
0
0
0
0
0
0
TRUN
Timer
control
register
20H
Prescaler and timer run/stop control
0: Stop and clear
1: Run (Count up)
−
W
TREG0
8-bit
timer
register 0
22H
(Prohibit
RMW)
Undefined
−
W
TREG1
8-bit
timer
register 1
23H
(Prohibit
RMW)
Undefined
T10M1
T10M0
T1CLK1
T1CLK0
T0CLK1
T0CLK0
R/W
R/W
0
0
0
0
0
0
T10
MOD
8-bit
timer 0
and 1
source
CLK and
mode
control
register
24H
00: 8-bit timer
01: 16-bit timer
10:
−
11:
−
00: TO0TRG
01:
φT1
10:
φT16
11:
φT256
00: TI0 INPUT
01:
φT1
10:
φT4
11:
φT16
TFF3C1
TFF3C0
TFF3IE
TFF3IS
TFF1C1
TFF1C0
TFF1IE
TFF1IS
W
R/W
W
R/W
1
1
0
0
1
1
0
0
TFFCR
8-bit
timer
flip-flop
control
register
25H
00: Invert TFF3
01: Set TFF3
10: Clear TFF3
11: Don’t care
1: TFF3
invert
enable
TFF3
inversion
select
0: Timer 2
1: Timer 3
00: Invert TFF1
01: Set TFF1
10: Clear TFF1
11: Don’t care
1: TFF1
invert
enable
TFF1
inversion
select
0: Timer 0
1: Timer 1
−
W
TREG2
8-bit
timer
register 2
26H
(Prohibit
RMW)
Undefined
−
W
TREG3
8-bit
timer
register 3
27H
(Prohibit
RMW)
Undefined
T32M1
T32M0
PWM21
PWM20
T3CLK1
T3CLK0
T2CLK1
T2CLK0
R/W
0
0
0
0
0
0
0
0
T32
MOD
8-bit
timer 2
and 3
source
CLK and
mode
control
register
28H
00: 8-bit timer
01: 16-bit timer
10: 8-bit PPG
11: 8-bit PWM
00:
−
01: 2
6
− 1 PWM
10: 2
7
− 1 cycle
11: 2
8
− 1
00: TO2TRG
01:
φT1
10:
φT16
11:
φT256
00:
−
01:
φT1
10:
φT4
11:
φT16
TR2DE
−
R/W
0
0
TRDC
Timer
register
double
buffer
control
register
29H
0: Double
buffer
disable
1: Double
buffer
enable
Always
write “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com