Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS45 Datasheet(PDF) 212 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 212 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 208Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 209Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 210Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 211Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 212Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 213Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 214Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 215Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 216Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-210
(8) Serial bus interface control (1/2)
Symbol
Name
Address
7
6
5
4
3
2
1
0
BC2
BC1
BC0
ACK
SCK2
SCK1
SCK0
W
R/W
W
0
0
0
0
0
0
0
4BH
(I
2C bus
mode)
(Prohibit
RMW)
Number of transfer bits
000: 8
100: 4
001: 1
101: 5
010: 2
110: 6
011: 3
111: 7
Acknowledge
mode
specification
0: Disable
1: Enable
Setting of the divide value “n”
000: 4
100: 8
001: 5
101: 9
010: 6
110: 10
011: 7
111: (Reserved)
SIOS
SIOINH
SIOM1
SIOM0
SCK2
SCK1
SCK0
W
W
0
0
0
0
0
0
0
SBICR1
Serial bus
interface
control
register 1
4BH
(SIO
mode)
(Prohibit
RMW)
Indicate
transfer
start/stop
0: Stop
1: Start
Continue/
abort
transfer
0: Continue
1: Abort
Transfer mode select
00: 8-bit transmit
01: (Reserved)
10: 8-bit transmit/receive
11: 8-bit receive
Serial clock selection
000: fFPH/2
5
100: fFPH/2
9
001: fFPH/2
6
101: fFPH/2
10
010: fFPH/2
7
110: PH/2
11
011: fFPH/2
8
111: External clock (SCK pin)
MST
TRX
BB
PIN
SBIM1
SBIM0
W
0
0
0
1
0
0
4EH
(I
2C bus
mode)
(Prohibit
RMW)
Master/
slave
selection
0: Slave
1: Master
Transmitter/
receiver
selection
0: Receiver
1: Transmitter
Start/stop
generation
(when the
MST, TRX,
PIN are “1”)
0: Stop
1: Start
Cancel
INTS2
request
0: Don’t
care
1: Cancel
Serial bus interface
operating mode
selection
00: Port mode
01: SIO mode
10: I
2C bus mode
11: (Reserved)
SBIM1
SBIM0
W
0
0
SBICR2
Serial bus
interface
control
register 2
4EH
(SIO
mode)
(Prohibit
RMW)
Serial bus interface
operating mode
selection
00: Port mode
01: SIO mode
10: I
2C bus mode
11: (Reserved)
MST
TRX
BB
PIN
AL
AAS
AD0
LRB
R
0
0
0
1
0
0
0
0
4EH
(I
2C bus
mode)
(Prohibit
RMW)
Master/
slave
selection
status
monitor
0: Slave
1: Master
Transmitter/
receiver
selection
status
monitor
0: Receiver
1: Transmitter
I
2C bus
status
monitor
0: Bus free
1: Bus
busy
INTS2
request
status
monitor
0: Request
1: Cancel
Noise
detection
monitor
1: detect
Slave
address
much
detection
monitor
1: Detect
GENERAL
CALL
detection
monitor
1: Detect
Last
received
bit monitor
0: “0”
1: “1”
SIOF
SEF
R
0
0
SBISR
Serial bus
interface
status
register
4EH
(SIO
mode)
(Prohibit
RMW)
Serial
transfer
operating
status
monitor
0: Termi-
nated
1: In
process
Shift
operating
status
monitor
0: Termi-
nated
1: In
process



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com