Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS45 Datasheet(PDF) 207 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 207 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 203Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 204Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 205Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 206Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 207Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 208Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 209Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 210Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 211Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-205
Interrupt control (2/2)
Symbol
Name
Address
7
6
5
4
3
2
1
0
DMA0V4
DMA0V3
DMA0V2
DMA0V1
DMA0V0
W
0
0
0
0
0
DMA0V
DMA 0
request
vector
7CH
(Prohibit
RMW)
Micro DMA0 start vector
DMA1V4
DMA1V3
DMA1V2
DMA1V1
DMA1V0
W
0
0
0
0
0
DMA1V
DMA 1
request
vector
7DH
(Prohibit
RMW)
Micro DMA1 start vector
DMA2V4
DMA2V3
DMA2V2
DMA2V1
DMA2V0
W
0
0
0
0
0
DMA2V
DMA 2
request
vector
7EH
(Prohibit
RMW)
Micro DMA2 start vector
DMA3V4
DMA3V3
DMA3V2
DMA3V1
DMA3V0
W
0
0
0
0
0
DMA3V
DMA 3
request
vector
7FH
(Prohibit
RMW)
Micro DMA3 start vector
−
I0IE
I0LE
NMIREE
W
W
0
0
0
0
IIMC
Interrupt
input
mode
control
7BH
(Prohibit
RMW)
Always
write “0”.
1: INT0
input
enable
0: INT0
edge
mode
1: INT0
level
mode
1: Opera-
tion
even at
NMI
rising
edge
(5) Bus width/wait control
Symbol
Name
Address
7
6
5
4
3
2
1
0
B0BUS
B0W1
B0W0
B0C1
B0C0
W
0
0
0
0
0
WAITC0
Block 0
WAIT
control
register
68H
(Prohibit
RMW)
0: 16-bit
bus
1: 8-bit
bus
00: 2 waits
01: 1 wait
10: (1
+ N) waits
11: 0 waits
00: 7F00H to 7FFFH
01: 400000H to
10: 800000H to
11: C00000H to
B1BUS
B1W1
B1W0
B1C1
B1C0
W
0
0
0
0
0
WAITC1
Block 1
WAIT
control
register
69H
(Prohibit
RMW)
0: 16-bit
bus
1: 8-bit
bus
00: 2 waits
01: 1 wait
10: (1
+ N) waits
11: 0 waits
00: 880H to 7FFFH
01: 400000H to
10: 800000H to
11: C00000H to
B2BUS
B2W1
B2W0
B2C1
B2C0
W
0
0
0
1
1
WAITC2
Block 2
WAIT
control
register
6AH
(Prohibit
RMW)
0: 16-bit
bus
1: 8-bit
bus
00: 2 waits
01: 1 wait
10: (1
+ N) waits
11: 0 waits
00: 8000H to
01: 400000H to
10: 800000H to
11: C00000H to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com