Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9178 Datasheet(PDF) 32 Page - Analog Devices

Part # ADE9178
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADE9178 Datasheet HTML 28Page - Analog Devices ADE9178 Datasheet HTML 29Page - Analog Devices ADE9178 Datasheet HTML 30Page - Analog Devices ADE9178 Datasheet HTML 31Page - Analog Devices ADE9178 Datasheet HTML 32Page - Analog Devices ADE9178 Datasheet HTML 33Page - Analog Devices ADE9178 Datasheet HTML 34Page - Analog Devices ADE9178 Datasheet HTML 35Page - Analog Devices ADE9178 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 122 page
background image
Data Sheet
ADE9178
THEORY OF OPERATION
analog.com
Rev. A | 32 of 122
Table 13. Terminology and Full-Scale Codes
Notation
Description
Value
Applicable Registers
IFS
RMS Current in amperes (ARMS), which gives
full-scale signal at ADC input. This is the
current that gives full scale at the ADC current
(IP) inputs of ±31.25 mV peak to peak.
Depends on system parameters. For more
details, see the example system configuration.
Depends on shunt resistor size.
VFS_T
Theoretical full-scale RMS voltage in volts
(VRMS), which gives full-scale input at ADC
input. This is the voltage that gives full scale at
the ADC voltage (V1P) inputs of ±1 V peak to
peak.
Depends on system parameters. Depends on
resistor-divider ratio.
AUXFS
Signal value (RMS) in appropriate units, which
gives full-scale value at ADC input. The units
can be either voltage or current. This is the
voltage/current that gives full scale at the
auxiliary ADC input. ±1 V peak to peak for
V1P/V2P inputs and ±31.25 mV peak to peak
for IP input, which depends on the ADC Mux
settings.
Depends on system parameters.
RMSFS_CODES
RMS output register value when full-scale input
is applied to the ADC input.
107310840
xRMS, xRMSONE, xRMSHALF, xDIP, xSWELL,
xPEAK
POWFS_CODES
Power output register value when full-scale
voltage and current of same phase is applied at
the ADC input.
85829040
xWATT, xVA
PCFFS_CODES
Phase compensation filter (PCF) output for
waveform streaming.
6706531
M
Meter constant (impls/kWHr), which defines the
frequency of the CF pulse output.
System Configuration. Supported between 100
and 10000.
The format for configuration registers for each feature are given
along with description of appropriate features are shown in the
following sections. To convert output registers to physical quantities,
use the following equations shown in Table 14.
Table 14. Conversion Equations
Purpose
Equation
Unit
Applicable registers
RMS related output calculation
XFS
RMSFS_CODES ×X
(1)
XRMS
Where, X = xRMS,
xRMSONE, xRMSHALF, xDIP,
xSWELL, xPEAK
Power calculation
IFS×VFS_T
POWFS_CODES ×X
(2)
watt, VA
Where, X = xWATT, xVA
Energy calculation
IFS×VFS_T
POWFS_CODES × XHI≪13 +XLO
4000
(3)
watt × seconds
Where, XHI =
xWATTHR_xx_HI or
xVAHR_HI
XLO = xWATTHR_xx_LO or
xVAHR_LO
Power factor
xPF×2−27
APF, BPF, and CPF
Period calculation
xPERIOD+1
4000×216
(4)
seconds
xPERIOD, PEN_PERIOD
Angle calculation
2πANGL_X_Y×256 
xPERIOD+1 −2π
(5) radians
ANGL_X_Y, where, X and Y
are phase voltage or currents.
For example, ANGL_AV_BV
or ANGL_BI_CI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com