Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9178 Datasheet(PDF) 64 Page - Analog Devices

Part # ADE9178
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178 Datasheet(HTML) 64 Page - Analog Devices

Back Button ADE9178 Datasheet HTML 60Page - Analog Devices ADE9178 Datasheet HTML 61Page - Analog Devices ADE9178 Datasheet HTML 62Page - Analog Devices ADE9178 Datasheet HTML 63Page - Analog Devices ADE9178 Datasheet HTML 64Page - Analog Devices ADE9178 Datasheet HTML 65Page - Analog Devices ADE9178 Datasheet HTML 66Page - Analog Devices ADE9178 Datasheet HTML 67Page - Analog Devices ADE9178 Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 122 page
background image
Data Sheet
ADE9178
REGISTER SUMMARY: ADE9178
analog.com
Rev. A | 64 of 122
Table 33. ADE9178 Register Summary (Continued)
Address
Name
Description
Reset
Access
0x058
AUX0RMSHALFOS
Auxiliary 0 Half-Cycle RMS Offset.
0x00000000
R/W
0x059
AUX0RMSONEOS
Auxiliary 0 One-Cycle RMS Offset.
0x00000000
R/W
0x05A
AUX0DIPHALF_LVL
Auxiliary 0 Channel RMSHALF Dip-Detection Threshold Level.
0x00000000
R/W
0x05B
AUX0DIPONE_LVL
Auxiliary 0 Channel RMSONE Dip-Detection Threshold Level.
0x00000000
R/W
0x05C
AUX0SWELLHALF_LVL
Auxiliary 0 Channel RMSHALF Swell-Detection Threshold Level.
0xFFFFFFFF
R/W
0x05D
AUX0SWELLONE_LVL
Auxiliary 0 Channel RMSONE Swell-Detection Threshold Level.
0xFFFFFFFF
R/W
0x05E
AUX0DIPHALF_CYC
Auxiliary 0 RMSHALF Dip Half-Line Cycles Configuration.
0xFFFFFFFF
R/W
0x05F
AUX0DIPONE_CYC
Auxiliary 0 RMSONE Dip-Line Cycles Configuration.
0xFFFFFFFF
R/W
0x060
AUX0SWELLHALF_CYC
Auxiliary 0 RMSHALF Swell Half-Line Cycles Configuration.
0xFFFFFFFF
R/W
0x061
AUX0SWELLONE_CYC
Auxiliary 0 RMSHALF Swell-Line Cycles Configuration.
0xFFFFFFFF
R/W
0x062
AUX1GAIN
Auxiliary 1 Channel Gain Adjust.
0x00000000
R/W
0x063
AUX1OS
Auxiliary 1 Channel Offset.
0x00000000
R/W
0x064
AUX1PHCAL
Auxiliary 1 Channel-Phase Correction Factor.
0x00000000
R/W
0x065
AUX1RMSOS
Auxiliary 1 Channel-Filtered RMS Offset.
0x00000000
R/W
0x066
AUX1RMSHALFOS
Auxiliary 1 Channel Half-Cycle RMS Offset.
0x00000000
R/W
0x067
AUX1RMSONEOS
Auxiliary 1 Channel One-Cycle RMS Offset.
0x00000000
R/W
0x068
AUX1DIPHALF_LVL
Auxiliary 1 Channel RMSHALF Dip-Detection Threshold Level.
0x00000000
R/W
0x069
AUX1DIPONE_LVL
Auxiliary 1 Channel RMSONE Dip-Detection Threshold Level
0x00000000
R/W
0x06A
AUX1SWELLHALF_LVL
Auxiliary 1 Channel RMSHALF Swell-Detection Threshold Level.
0xFFFFFFFF
R/W
0x06B
AUX1SWELLONE_LVL
Auxiliary 1 Channel RMSONE Swell-Detection Threshold Level.
0xFFFFFFFF
R/W
0x06C
AUX1DIPHALF_CYC
Auxiliary 1 RMSHALF Dip Half-Line Cycles Configuration.
0xFFFFFFFF
R/W
0x06D
AUX1DIPONE_CYC
Auxiliary 1 RMSONE Dip-Line Cycles Configuration.
0xFFFFFFFF
R/W
0x06E
AUX1SWELLHALF_CYC
Auxiliary 1 RMSHALF Swell Half-Line Cycles Configuration.
0xFFFFFFFF
R/W
0x06F
AUX1SWELLONE_CYC
Auxiliary 1 RMSONE Swell-Line Cycles Configuration.
0xFFFFFFFF
R/W
0x070
AUX2GAIN
Auxiliary 2 Channel Gain Adjust.
0x00000000
R/W
0x071
AUX2OS
Auxiliary 2 Channel Offset.
0x00000000
R/W
0x072
AUX2PHCAL
Auxiliary 2 Channel-Phase Correction Factor.
0x00000000
R/W
0x073
AUX2RMSOS
Auxiliary 2 Channel-Filtered RMS Offset.
0x00000000
R/W
0x074
AUX2RMSHALFOS
Auxiliary 2 Channel Half-Cycle RMS Offset.
0x00000000
R/W
0x075
AUX2RMSONEOS
Auxiliary 2 Channel One-Cycle RMS Offset.
0x00000000
R/W
0x076
AUX2DIPHALF_LVL
Auxiliary 2 Channel RMSHALF Dip-Detection Threshold Level.
0x00000000
R/W
0x077
AUX2DIPONE_LVL
Auxiliary 2 Channel RMSONE Dip-Detection Threshold Level.
0x00000000
R/W
0x078
AUX2SWELLHALF_LVL
Auxiliary 2 Channel RMSHALF Swell-Detection Threshold Level.
0xFFFFFFFF
R/W
0x079
AUX2SWELLONE_LVL
Auxiliary 2 Channel RMSONE Swell-Detection Threshold Level.
0xFFFFFFFF
R/W
0x07A
AUX2DIPHALF_CYC
Auxiliary 2 RMSHALF Dip Half-Line Cycles Configuration.
0xFFFFFFFF
R/W
0x07B
AUX2DIPONE_CYC
Auxiliary 2 RMSONE Dip-Line Cycles Configuration.
0xFFFFFFFF
R/W
0x07C
AUX2SWELLHALF_CYC
Auxiliary 2 RMSHALF Swell Half-Line Cycles Configuration.
0xFFFFFFFF
R/W
0x07D
AUX2SWELLONE_CYC
Auxiliary 2 RMSONE Swell-Line Cycles Configuration.
0xFFFFFFFF
R/W
0x07E
AUX3GAIN
Auxiliary 3 Channel Gain Adjust.
0x00000000
R/W
0x07F
AUX3OS
Auxiliary 3 Channel Offset.
0x00000000
R/W
0x080
AUX3PHCAL
Auxiliary 3 Channel-Phase Correction Factor.
0x00000000
R/W
0x081
AUX3RMSOS
Auxiliary 3 Channel-Filtered RMS Offset.
0x00000000
R/W
0x082
AUX3RMSHALFOS
Auxiliary 3 Channel Half-Cycle RMS Offset.
0x00000000
R/W
0x083
AUX3RMSONEOS
Auxiliary 3 Channel One-Cycle RMS Offset.
0x00000000
R/W
0x084
AUX3DIPHALF_LVL
Auxiliary 3 Channel RMSHALF Dip-Detection Threshold Level.
0x00000000
R/W
0x085
AUX3DIPONE_LVL
Auxiliary 3 Channel RMSONE Dip-Detection Threshold Level.
0x00000000
R/W
0x086
AUX3SWELLHALF_LVL
Auxiliary 3 Channel RMSHALF Swell-Detection Threshold Level.
0xFFFFFFFF
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com