Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9178 Datasheet(PDF) 39 Page - Analog Devices

Part # ADE9178
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADE9178 Datasheet HTML 35Page - Analog Devices ADE9178 Datasheet HTML 36Page - Analog Devices ADE9178 Datasheet HTML 37Page - Analog Devices ADE9178 Datasheet HTML 38Page - Analog Devices ADE9178 Datasheet HTML 39Page - Analog Devices ADE9178 Datasheet HTML 40Page - Analog Devices ADE9178 Datasheet HTML 41Page - Analog Devices ADE9178 Datasheet HTML 42Page - Analog Devices ADE9178 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 122 page
background image
Data Sheet
ADE9178
THEORY OF OPERATION
analog.com
Rev. A | 39 of 122
To check how to calculate the energy register value, see the
Worked Examples section.
Total Active Energy
For each phase, there are three types of active
energy outputs available: positive energy, negative ener-
gy and signed energy. The registers available for ac-
tive energy are xWATTHR_SIGNED_HI and xWATTHR_SIGN-
ED_LO, xWATTHR_POS_HI and xWATTHR_POS_LO, and
xWATTHR_NEG_HI and xWATTHR_NEG_LO to store signed, posi-
tive and negative energy outputs, respectively.
Total Apparent Energy
For each phase, there is one positively accumulated apparent
energy output (xVAHR_HI and xVAHR_LO) exists.
No Load Detection
No load detection prevents energy accumulation due to noise
when the input currents are below a given meter start current. To
determine if a no load condition is present, the ADE9178 evaluates
if the accumulated energy is below a user-defined threshold over
a user-defined time period, which is done on a per phase and per
energy channel basis. The NOLOAD_TMR[2:0] bits in the EP_CFG
register determine whether to evaluate the no load condition over
64 samples to 4096 samples, 64/4 ksps = 16 ms to 1024 ms,
as shown in Table 19 . No load detection is enabled by default,
over the minimum time of 64/4 ksps = 16 ms. No load detection
is disabled when the NOLOAD_TMR[2:0] bits in the EP_CFG are
equal to 111 (binary). No load accumulation is always done in
absolute accumulation mode. For more details, see Figure 53.
Note, for more details on a known bug with no load feature, see
Table 30.
Table 19. No Load Detection Table
NOLOAD_TMR
Samples to Evaluate in
No Load Condition
Time That No Load
Detection is Evaluated
(ms)
0
64
16
1
128
32
2
256
64
3
512
128
4
1024
256
5
2048
512
6
4096
1024
7
No load disabled
No load disabled
The user-defined no load thresholds can be written into the
ACT_NL_LVL and APP_NL_LVL registers to sets the no load
threshold for the total active energy and total apparent energy,
respectively. The configured threshold is directly compared against
the accumulated power to decide no load detection. For example,
to configure a no load threshold of 0.1% of full-scale active power
accumulated for 64 samples, ACT_NL_LVL must be configured to
(POWFS_CODES × 0.001 × 64).
No load status of active and apparent energy are indicated by
using the bits WATTNLOAD and VANLOAD of STATUS0/STATUS1
register, respectively. The user can enable an interrupt to occur
when the no load status changes, either going into or out of no
load. The PHNOLOAD register indicates whether each phase of
energy is in no load.
Figure 55 shows what happens when the xWATT, low-pass filtered
active power value goes above the user-configured no load thresh-
old and then back down below it again. The same concept applies
to apparent energy values as well.
Figure 55. No Load Behavior
Power Factor (PF) Calculation
The total active power and total apparent power are accumulated
over 1 sec. Then, the power factor on each phase is calculated by
the following equation:
xPF
 = xWATT accumulated over 1 sec
xVA
 accumulated over 1 sec
(22)
The accumulation is a signed accumulation. The sign of the xPF
calculation follows the sign of xWATT. The PF results is stored in
5.27 fixed point format. The highest PF value is 0x07FF_FFFF,
which corresponds to a PF of 1. The PF of −1 is stored as
0xF800_0000. To determine the PF from the xPF register value,
use this equation:
Power
 Factor (PF) = xPF × 2−27
(23)
Note that the value in xPF register should be treated as a 2's
complement number.
To determine if the PF is leading or lagging, find the angle between
voltage and current (ANGL_xV_xI) by using the Angle Calculation
shown in the Full-Scale Codes And Conversion Equations section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com