Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9178 Datasheet(PDF) 97 Page - Analog Devices

Part # ADE9178
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178 Datasheet(HTML) 97 Page - Analog Devices

Back Button ADE9178 Datasheet HTML 93Page - Analog Devices ADE9178 Datasheet HTML 94Page - Analog Devices ADE9178 Datasheet HTML 95Page - Analog Devices ADE9178 Datasheet HTML 96Page - Analog Devices ADE9178 Datasheet HTML 97Page - Analog Devices ADE9178 Datasheet HTML 98Page - Analog Devices ADE9178 Datasheet HTML 99Page - Analog Devices ADE9178 Datasheet HTML 100Page - Analog Devices ADE9178 Datasheet HTML 101Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 122 page
background image
Data Sheet
ADE9178
REGISTER DETAILS: ADE9178
analog.com
Rev. A | 97 of 122
Table 34. ADE9178 Register Details (Continued)
Addr
Name
Bits
Bit Name
Settings
Description
Reset
Access
8
RMSONERDY
One-Cycle RMS Data Ready.
This bit is set when the one-
cycle RMS values are updated.
0x0
R/W1C
7
CF2
CF2 Pulse Issued. This bit
is set when a CF2 pulse is
issued, when the CF2 pin goes
from a high to low state.
0x0
R/W1C
6
CF1
CF1 Pulse Issued. This bit
is set when a CF1 pulse is
issued, when the CF1 pin goes
from a high to low state.
0x0
R/W1C
5
REVPSUM2
CF2 Polarity Sign Change. This
bit is set to indicate if the
CF2 polarity changed sign. See
REVPSUM1.
0x0
R/W1C
4
REVPSUM1
CF1 Polarity Sign Change. This
bit is set to indicate if the
CF1 polarity changed sign. For
example, if the last CF1 pulse
was positive active energy
and the next CF1 pulse is
negative active energy, then
REVPSUM1 bit is set. This bit
is updated when the CF1 pin
goes from high to low.
0x0
R/W1C
3
REVAPC
Phase C Active Power Sign
Change. This bit indicates if
the phase C active power has
changed sign. See REVAPA.
0x0
R/W1C
2
REVAPB
Phase B Active Power Sign
Change. This bit indicates if
the phase B active power has
changed sign. See REVAPA.
0x0
R/W1C
1
REVAPA
Phase A Active Power Sign
Change. This bit indicates
if the phase A active
power has changed sign.
This bit is updated when
the power values in the
xWATT_ACC registers update,
after (EGY_TIME + 1)
milliseconds or half-line cycles.
0x0
R/W1C
0
EGYRDY
Energy Data Ready. This
bit is set when the
accumulated energy values
(xWATTHR, xVAHR …) are
updated, after (EGY_TIME +
1) milliseconds or half-line
cycles, which depends on the
EGY_TMR_MODE bit in the
EP_CFG register.
0x0
R/W1C
0x402
STATUS2
31
RESERVED
Reserved.
0x0
R
30
VACSWELLONE
VP2P Swell Condition
Detected. This bit is set when
the VP2P (AV − CV) voltage
0x0
R/W1C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com