Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9178 Datasheet(PDF) 62 Page - Analog Devices

Part # ADE9178
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178 Datasheet(HTML) 62 Page - Analog Devices

Back Button ADE9178 Datasheet HTML 58Page - Analog Devices ADE9178 Datasheet HTML 59Page - Analog Devices ADE9178 Datasheet HTML 60Page - Analog Devices ADE9178 Datasheet HTML 61Page - Analog Devices ADE9178 Datasheet HTML 62Page - Analog Devices ADE9178 Datasheet HTML 63Page - Analog Devices ADE9178 Datasheet HTML 64Page - Analog Devices ADE9178 Datasheet HTML 65Page - Analog Devices ADE9178 Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 122 page
background image
Data Sheet
ADE9178
REGISTER SUMMARY: ADE9178
analog.com
Rev. A | 62 of 122
Table 32. Access Mode Description
Access Mode
Description
R/W
Register has Read and Write access.
R
Register has Read access only.
R/W1C
Register has Read access and Write 1 to clear.
Table 33. ADE9178 Register Summary
Address
Name
Description
Reset
Access
0x000
AVGAIN
Phase A Voltage Gain Adjust.
0x00000000
R/W
0x001
AVOS
Phase A Voltage Channel Offset.
0x00000000
R/W
0x002
AVPHCAL
Phase A Voltage-Phase Correction Factor.
0x00000000
R/W
0x003
AVRMSOS
Phase A Voltage RMS Offset.
0x00000000
R/W
0x004
AVRMSHALFOS
Phase A Voltage Half-Cycle RMS Offset.
0x00000000
R/W
0x005
AVRMSONEOS
Phase A Voltage One-Cycle RMS Offset.
0x00000000
R/W
0x006
AVDIPHALF_LVL
Phase A Voltage RMSHALF Dip-Detection Threshold Level.
0x00000000
R/W
0x007
AVDIPONE_LVL
Phase A Voltage RMSONE Dip-Detection Threshold Level.
0x00000000
R/W
0x008
AVSWELLHALF_LVL
Phase A Voltage RMSHALF Swell-Detection Threshold Level.
0xFFFFFFFF
R/W
0x009
AVSWELLONE_LVL
Phase A Voltage RMSONE Swell-Detection Threshold Level.
0xFFFFFFFF
R/W
0x00A
AVDIPHALF_CYC
Phase A Voltage RMSHALF Dip Half-Line Cycles Configuration.
0xFFFFFFFF
R/W
0x00B
AVDIPONE_CYC
Phase A Voltage RMSONE Dip-Line Cycles Configuration.
0xFFFFFFFF
R/W
0x00C
AVSWELLHALF_CYC
Phase A Voltage RMSHALF Swell Half-Line Cycle Configuration.
0xFFFFFFFF
R/W
0x00D
AVSWELLONE_CYC
Phase A Voltage RMSONE Swell-Line Cycles Configuration.
0xFFFFFFFF
R/W
0x00E
AIGAIN
Phase A Current Gain Adjust.
0x00000000
R/W
0x00F
AIOS
Phase A Current Channel Offset.
0x00000000
R/W
0x010
AIPHCAL
Phase A Current-Phase Correction Factor.
0x00000000
R/W
0x011
AIRMSOS
Phase A Current RMS Offset.
0x00000000
R/W
0x012
AIRMSHALFOS
Phase A Current Half-Cycle RMS Offset.
0x00000000
R/W
0x013
AIRMSONEOS
Phase A Current One-Cycle RMS Offset.
0x00000000
R/W
0x014
AIDIPHALF_LVL
Phase A Current RMSHALF Dip-Detection Threshold Level.
0x00000000
R/W
0x015
AIDIPONE_LVL
Phase A Current RMSONE Dip-Detection Threshold Level.
0x00000000
R/W
0x016
AISWELLHALF_LVL
Phase A Current RMSHALF Swell-Detection Threshold Level.
0xFFFFFFFF
R/W
0x017
AISWELLONE_LVL
Phase A Current RMSONE Swell-Detection Threshold Level.
0xFFFFFFFF
R/W
0x018
AIDIPHALF_CYC
Phase A Current RMSHALF Dip Half-Line Cycles Configuration.
0xFFFFFFFF
R/W
0x019
AIDIPONE_CYC
Phase A Current RMSONE Dip-Line Cycles Configuration.
0xFFFFFFFF
R/W
0x01A
AISWELLHALF_CYC
Phase A Current RMSHALF Swell Half-Line Cycle Configuration.
0xFFFFFFFF
R/W
0x01B
AISWELLONE_CYC
Phase A Current RMSONE Swell-Line Cycles Configuration.
0xFFFFFFFF
R/W
0x01C
BVGAIN
Phase B Voltage Gain Adjust.
0x00000000
R/W
0x01D
BVOS
Phase B Voltage Channel Offset.
0x00000000
R/W
0x01E
BVPHCAL
Phase B Voltage-Phase Correction Factor.
0x00000000
R/W
0x01F
BVRMSOS
Phase B Voltage RMS Offset.
0x00000000
R/W
0x020
BVRMSHALFOS
Phase B Voltage Half-Cycle RMS Offset.
0x00000000
R/W
0x021
BVRMSONEOS
Phase B Voltage One-Cycle RMS Offset.
0x00000000
R/W
0x022
BVDIPHALF_LVL
Phase B Voltage RMSHALF Dip-Detection Threshold Level.
0x00000000
R/W
0x023
BVDIPONE_LVL
Phase B Voltage RMSONE Dip-Detection Threshold Level.
0x00000000
R/W
0x024
BVSWELLHALF_LVL
Phase B Voltage RMSHALF Swell-Detection Threshold Level.
0xFFFFFFFF
R/W
0x025
BVSWELLONE_LVL
Phase B Voltage RMSONE Swell-Detection Threshold Level.
0xFFFFFFFF
R/W
0x026
BVDIPHALF_CYC
Phase B Voltage RMSHALF Dip Half-Line Cycles Configuration.
0xFFFFFFFF
R/W
0x027
BVDIPONE_CYC
Phase B Voltage RMSONE Dip-Line Cycles Configuration.
0xFFFFFFFF
R/W
0x028
BVSWELLHALF_CYC
Phase B Voltage RMSHALF Swell Half-Line Cycle Configuration.
0xFFFFFFFF
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com