Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9178 Datasheet(PDF) 95 Page - Analog Devices

Part # ADE9178
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178 Datasheet(HTML) 95 Page - Analog Devices

Back Button ADE9178 Datasheet HTML 91Page - Analog Devices ADE9178 Datasheet HTML 92Page - Analog Devices ADE9178 Datasheet HTML 93Page - Analog Devices ADE9178 Datasheet HTML 94Page - Analog Devices ADE9178 Datasheet HTML 95Page - Analog Devices ADE9178 Datasheet HTML 96Page - Analog Devices ADE9178 Datasheet HTML 97Page - Analog Devices ADE9178 Datasheet HTML 98Page - Analog Devices ADE9178 Datasheet HTML 99Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 122 page
background image
Data Sheet
ADE9178
REGISTER DETAILS: ADE9178
analog.com
Rev. A | 95 of 122
Table 34. ADE9178 Register Details (Continued)
Addr
Name
Bits
Bit Name
Settings
Description
Reset
Access
is detected on the AUX3
channel.
28
ZXAUX2
Auxiliary 2 Channel Zero
Crossing Detected. This bit is
set to indicate a zero crossing
is detected on the AUX2
channel.
0x0
R/W1C
27
ZXAUX1
Auxiliary 1 Channel Zero
Crossing Detected. This bit is
set to indicate a zero crossing
is detected on the AUX1
channel.
0x0
R/W1C
26
ZXAUX0
Auxiliary 0 Channel Zero
Crossing Detected. This bit is
set to indicate a zero crossing
is detected on the AUX0
channel.
0x0
R/W1C
25
ZXCI
Phase C Current Zero Crossing
Detected. This bit is set to
indicate a zero crossing is
detected on the phase C
current channel.
0x0
R/W1C
24
ZXBI
Phase B Current Zero Crossing
Detected. This bit is set to
indicate a zero crossing is
detected on the phase B
current channel.
0x0
R/W1C
23
ZXAI
Phase A Current Zero Crossing
Detected. This bit is set to
indicate a zero crossing is
detected on the phase A
current channel.
0x0
R/W1C
22
ZXCOMB
Combined Voltage Channels
Zero Crossing Detected. This
bit is set to indicate a zero
crossing is detected on the
combined signal from AV, BV,
and CV.
0x0
R/W1C
21
ZXCV
Phase C Voltage Zero Crossing
Detected. This bit is set to
indicate a zero crossing is
detected on the phase C
voltage channel.
0x0
R/W1C
20
ZXBV
Phase B Voltage Zero Crossing
Detected. This bit is set to
indicate a zero crossing is
detected on the phase B
voltage channel.
0x0
R/W1C
19
ZXAV
Phase A Voltage Zero Crossing
Detected. This bit is set to
indicate a zero crossing is
detected on the phase A
voltage channel.
0x0
R/W1C
18
ZXTOCV
Phase C Voltage Zero-
Crossing Timeout. This bit is
0x0
R/W1C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com