Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9178 Datasheet(PDF) 43 Page - Analog Devices

Part # ADE9178
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178 Datasheet(HTML) 43 Page - Analog Devices

Back Button ADE9178 Datasheet HTML 39Page - Analog Devices ADE9178 Datasheet HTML 40Page - Analog Devices ADE9178 Datasheet HTML 41Page - Analog Devices ADE9178 Datasheet HTML 42Page - Analog Devices ADE9178 Datasheet HTML 43Page - Analog Devices ADE9178 Datasheet HTML 44Page - Analog Devices ADE9178 Datasheet HTML 45Page - Analog Devices ADE9178 Datasheet HTML 46Page - Analog Devices ADE9178 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 122 page
background image
Data Sheet
ADE9178
THEORY OF OPERATION
analog.com
Rev. A | 43 of 122
Figure 59. Filtered RMS Datapath
Table 21. Filtered RMS Settling Time with 50 Hz Input
Filtered RMS Settling Time (Sec)
Configuration
FS = 99%
FS = 99.9%
HPF On, LPF On
0.95654
1.44245
Zero-Crossing Detection
The ADE9178 offers zero-crossing detection on all ADC input
signals. Each channel is associated with a ZX bit in STATUS0 and
STATUS1 registers, which are set when zero crossing is detected
on that channel. However, ZX output from the ADE9178 has very
high jitter and hence is not intended for external use. A user are
expected to use zero-crossing detection output from the ADC if high
accuracy is required.
The ZX_SRC_SEL in the CONFIG0 register select whether data
going into the zero-crossing detection circuit comes before or after
the HPF and phase compensation (for more details, see Figure
49). By default, the xPCF waveforms after the HPF are used
for zero-crossing detection. The zero-crossing circuit is the time
base for line period, angle, RMS half measurements, and energy
accumulation using line-cycle accumulation mode. Note, it is not
recommended to use line-cycle accumulation mode (for more de-
tails, see Table 30).
Note that the HPF has settling times given in Table 16. Thus, for a
fast response, it is recommended to set ZX_SRC_SEL to look for a
zero crossing before the HPF. However, if the HPF is disabled with
HPFDIS = 1 or if ZX_SRC_SEL = 1. Note that a DC offset on the
input may cause the time between negative to positive and positive
to negative zero crossings to change, which indicates that the ZX
detection does not have a 50% duty cycle.
The input signals are passed through a first sequence low pass with
corner frequency of 85 Hz to remove harmonics.
The LPF settling time is 51 samples, 51/4 kSPS, which results
in 12.75 ms. Figure 60 shows the delay between the detected
zero-crossing signal and the input. Note that there is a 3.5 ms to
4.3 ms delay between the input signal zero crossing and the ZX
zero-crossing indication, with a 50 Hz input signal. Zero crossings
are generated on both negative to positive and positive to negative
transitions.
Figure 60. Zero-Crossing Timing
To provide protection from noise for zero-crossing events used
for period calculation, zero-crossing events are not generated for
voltage channels if the absolute value of the ZX LPF filter output
signal is smaller than the threshold ZXTHRSH. Additionally, on all
ADC channels, to prevent false zero crossings after a zero crossing
is generated, 1 ms must elapse before the next zero crossing can
be output. Calculate the zero-crossing threshold, ZXTHRSH, from
the following equation:
ZXTHRSH=PCFFS_CODES×LPFATTENUATION
x
(31)
where, LPFATTENUATION = 0.86 at 50 Hz and 0.81 at 60 Hz. x is the
fraction of full scale for which the zero crossing is blocked.
For example, for a 50 Hz input, it is required to block zero-crossing
detection for samples 100× lower than full- scale PCF output. Then:
ZXTHRSH=6706531×0.86
100
=57676d (32)
Zero-Crossing Timeout
The zero-crossing timeout feature alerts the user if a zero-crossing
event is not generated after a user- configured amount of time. This
feature is available only on the voltage channels. If a zero crossing
is not detected after (ZXTOUT+1) ms, the corresponding ZXTOx bit
in the STATUS1 register is set. For example, if ZXTOUT is equal to
1000, and if a zero crossing is not detected on phase A for 1001
ms, then ZXTOAV bit is set in the STATUS1 register.
Combined Voltage Zero Crossing
Apart from zero-crossing input signal, the ADE9178 provides zero
crossing of a combined signal from AV. BV, and CV. The com-
bined signal is formed as (AV + BV − CV)/2. This zero crossing,
ZX_COMB, is stable even if one or more phases drops out.
Zero-Crossing Use in Other Functions
The following features are dependent on zero-crossing detection.
The behavior of each feature when zero crossing is absent is given
in Table 22.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com