Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9178 Datasheet(PDF) 8 Page - Analog Devices

Part # ADE9178
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADE9178 Datasheet HTML 4Page - Analog Devices ADE9178 Datasheet HTML 5Page - Analog Devices ADE9178 Datasheet HTML 6Page - Analog Devices ADE9178 Datasheet HTML 7Page - Analog Devices ADE9178 Datasheet HTML 8Page - Analog Devices ADE9178 Datasheet HTML 9Page - Analog Devices ADE9178 Datasheet HTML 10Page - Analog Devices ADE9178 Datasheet HTML 11Page - Analog Devices ADE9178 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 122 page
background image
Data Sheet
ADE9178
SPECIFICATIONS
analog.com
Rev. A | 8 of 122
SPI TIMING PARAMETERS
Table 3. SPI Timing Parameters
Parameter
Symbol
Min
Typ
Max
Unit
CS to SCLK Positive Edge
tSS
10
ns
SCLK Frequency
fSCLK
25
MHz
SCLK Period
tSCLK
1/fSCLK
ns
SCLK Low-Pulse Width
tSL
tSCLK/2
ns
SCLK High-Pulse Width
tSH
tSCLK/2
ns
Data-Input Setup Time Before SCLK Edge
tDSU
5
ns
Data-Input Hold Time After SCLK Edge
tDHD
1
ns
MISO Disable After CS Rising Edge
tDIS
10
ns
CS High After SCLK Edge
tSFS
10
ns
CS High-Pulse Width
tCH
1/fSCLK
ns
Timing Diagram
Figure 3. SPI Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com