Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9178 Datasheet(PDF) 69 Page - Analog Devices

Part # ADE9178
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178 Datasheet(HTML) 69 Page - Analog Devices

Back Button ADE9178 Datasheet HTML 65Page - Analog Devices ADE9178 Datasheet HTML 66Page - Analog Devices ADE9178 Datasheet HTML 67Page - Analog Devices ADE9178 Datasheet HTML 68Page - Analog Devices ADE9178 Datasheet HTML 69Page - Analog Devices ADE9178 Datasheet HTML 70Page - Analog Devices ADE9178 Datasheet HTML 71Page - Analog Devices ADE9178 Datasheet HTML 72Page - Analog Devices ADE9178 Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 122 page
background image
Data Sheet
ADE9178
REGISTER SUMMARY: ADE9178
analog.com
Rev. A | 69 of 122
Table 33. ADE9178 Register Summary (Continued)
Address
Name
Description
Reset
Access
0x265
BWATTHR_NEG_HI
Phase B Accumulated Negative Total Active Energy, MSB.
0x00000000
R
0x266
BWATTHR_SIGNED_LO
Phase B Accumulated Signed Total Active Energy, LSB.
0x00000000
R
0x267
BWATTHR_SIGNED_HI
Phase B Accumulated Signed Total Active Energy, MSB.
0x00000000
R
0x268
BVAHR_LO
Phase B Accumulated Total Apparent Energy, LSB.
0x00000000
R
0x269
BVAHR_HI
Phase B Accumulated Total Apparent Energy, MSB.
0x00000000
R
0x26A
CWATT
Phase C Low-pass Filtered Total Active Power.
0x00000000
R
0x26B
CVA
Phase C Total Apparent Power.
0x00000000
R
0x26C
CPF
Phase C Power Factor.
0x00000000
R
0x26D
CWATTHR_POS_LO
Phase C Accumulated Positive Total Active Energy, LSB.
0x00000000
R
0x26E
CWATTHR_POS_HI
Phase C Accumulated Positive Total Active Energy, MSB.
0x00000000
R
0x26F
CWATTHR_NEG_LO
Phase C Accumulated Negative Total Active Energy, LSB.
0x00000000
R
0x270
CWATTHR_NEG_HI
Phase C Accumulated Negative Total Active Energy, MSB.
0x00000000
R
0x271
CWATTHR_SIGNED_LO
Phase C Accumulated Signed Total Active Energy, LSB.
0x00000000
R
0x272
CWATTHR_SIGNED_HI
Phase C Accumulated Signed Total Active Energy, MSB.
0x00000000
R
0x273
CVAHR_LO
Phase C Accumulated Total Apparent Energy, LSB.
0x00000000
R
0x274
CVAHR_HI
Phase C Accumulated Total Apparent Energy, MSB.
0x00000000
R
0x275
ANGL_AV_BV
Phase A Voltage to Phase B Voltage Angle Register.
0x00000000
R
0x276
ANGL_BV_CV
Phase B Voltage to Phase C Voltage Angle Register.
0x00000000
R
0x277
ANGL_AV_CV
Phase A Voltage to Phase C Voltage Angle Register.
0x00000000
R
0x278
ANGL_AV_AI
Phase A Voltage to Current Angle Register.
0x00000000
R
0x279
ANGL_BV_BI
Phase B Voltage to Current Angle Register.
0x00000000
R
0x27A
ANGL_CV_CI
Phase C Voltage to Current Angle Register.
0x00000000
R
0x27B
ANGL_AI_BI
Phase A Current to Phase B Current Angle Register.
0x00000000
R
0x27C
ANGL_BI_CI
Phase B Current to Phase C Current Angle Register.
0x00000000
R
0x27D
ANGL_AI_CI
Phase A Current to Phase C Current Angle Register.
0x00000000
R
0x27E
ISUMRMS
Filter Based RMS Based on the Sum of Current Channels.
0x00000000
R
0x280
PEN_PERIOD
Period Value Used for PEN Channels RMSONE Calculation.
0x00500000
R
0x281
APERIOD
Line Period on Phase A Voltage.
0x00500000
R
0x282
BPERIOD
Line Period on Phase B Voltage.
0x00500000
R
0x283
CPERIOD
Line Period on Phase C Voltage.
0x00500000
R
0x284
COM_PERIOD
Line Period on Combined Phase A, B, and C Voltages.
0x00500000
R
0x285
IPEAK
Current Peak Register.
0x00000000
R
0x286
VPEAK
Voltage Peak Register.
0x00000000
R
0x287
AUXPEAK
Auxiliary-Channels Peak Register.
0x00000000
R
0x288
PHSIGN
Power Sign Register.
0x00000000
R
0x289
PHNOLOAD
Phase No Load Register.
0x00000000
R
0x28A
VSUMRMSONE
One-Cycle RMS for PEN Fault.
0x00000000
R
0x28B
VSUMSWELLONE
Maximum VSUMRMSONE for Last Detected Swell.
0x007FFFFF
R
0x28C
VABRMSONE
VP2P (AV − BV) One-Cycle RMS.
0x00000000
R
0x28D
VABDIPONE
VP2P (AV − BV) Minimum RMSONE for Last Detected Dip.
0x007FFFFF
R
0x28E
VABSWELLONE
VP2P (AV − BV) Maximum RMSONE for Last Detected Swell.
0x007FFFFF
R
0x28F
VBCRMSONE
VP2P (BV − CV) One-Cycle RMS.
0x00000000
R
0x290
VBCDIPONE
VP2P (BV − CV) Minimum RMSONE for Last Detected Dip.
0x007FFFFF
R
0x291
VBCSWELLONE
VP2P (BV − CV) Maximum RMSONE for Last Detected Swell.
0x007FFFFF
R
0x292
VACRMSONE
VP2P (AV − CV) One-Cycle RMS.
0x00000000
R
0x293
VACDIPONE
VP2P (AV − CV) Minimum RMSONE for Last Detected Dip.
0x007FFFFF
R
0x294
VACSWELLONE
VP2P (AV − CV) Maximum RMSONE for Last Detected Swell.
0x007FFFFF
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com