Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9178 Datasheet(PDF) 85 Page - Analog Devices

Part # ADE9178
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178 Datasheet(HTML) 85 Page - Analog Devices

Back Button ADE9178 Datasheet HTML 81Page - Analog Devices ADE9178 Datasheet HTML 82Page - Analog Devices ADE9178 Datasheet HTML 83Page - Analog Devices ADE9178 Datasheet HTML 84Page - Analog Devices ADE9178 Datasheet HTML 85Page - Analog Devices ADE9178 Datasheet HTML 86Page - Analog Devices ADE9178 Datasheet HTML 87Page - Analog Devices ADE9178 Datasheet HTML 88Page - Analog Devices ADE9178 Datasheet HTML 89Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 122 page
background image
Data Sheet
ADE9178
REGISTER DETAILS: ADE9178
analog.com
Rev. A | 85 of 122
Table 34. ADE9178 Register Details (Continued)
Addr
Name
Bits
Bit Name
Settings
Description
Reset
Access
17
AUX4_WFS_EN
Set to Enable Auxiliary 4
Channel Waveform Streaming.
0x0
R/W
16
AUX3_WFS_EN
Set to Enable Auxiliary 3
Channel Waveform Streaming.
0x0
R/W
15
AUX2_WFS_EN
Set to Enable Auxiliary 2
Channel Waveform Streaming.
0x0
R/W
14
AUX1_WFS_EN
Set to Enable Auxiliary 1
Channel Waveform Streaming.
0x0
R/W
13
AUX0_WFS_EN
Set to Enable Auxiliary 0
Channel Waveform Streaming.
0x0
R/W
12
CI_WFS_EN
Set to Enable Phase C Current
Waveform Streaming.
0x0
R/W
11
CV_WFS_EN
Set to Enable Phase C Voltage
Waveform Streaming.
0x0
R/W
10
BI_WFS_EN
Set to Enable Phase B Current
Waveform Streaming.
0x0
R/W
9
BV_WFS_EN
Set to Enable Phase B Voltage
Waveform Streaming.
0x0
R/W
8
AI_WFS_EN
Set to Enable Phase A Current
Waveform Streaming.
0x0
R/W
7
AV_WFS_EN
Set to Enable Phase A Voltage
Waveform Streaming.
0x0
R/W
[6:5]
WF_SRC
Waveform Samples to Send.
0x0
R/W
00
ADC Samples.
01
PCF Output.
[4:1]
BAUD_RATE
Baud Rate for Waveform
Streaming.
0x6
R/W
000
256000 Bits/s.
001
512000 Bits/s.
010
1024000 Bits/s.
011
1536000 Bits/s.
100
2048000 Bits/s.
101
3072000 Bits/s.
0
WFS_EN
Enable Waveform Streaming.
0x0
R/W
0x0D7
ADC_CONTROL
[31:3]
RESERVED
Reserved.
0x0
R
2
ADC_SYNC
Set This Bit to Synchronize the
ADCs.
0x0
R/W
1
ADC_INIT
Set This Bit to Initialize the
ADCs. Note that this bit is self-
clearing.
0x0
R/W
0
ADC_RUN
Set This Bit to Start the
Measurements.
0x0
R/W
0x0D8
ADC_CONFIG
[31:3]
RESERVED
Reserved.
0x0
R
[2:0]
NUM_ADC
Number of ADCs Daisy-
chained in the System. Set the
number of ADCs that are daisy-
chained in the system.
0x4
R/W
0x0D9
ADC_REDIRECT0
[31:30]
RESERVED
Reserved.
0x0
R
[29:25]
CI
ADC CI Channel Data
Multiplexing. Selects slot to
connect CI channel input.
0x3
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com