Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9178 Datasheet(PDF) 54 Page - Analog Devices

Part # ADE9178
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178 Datasheet(HTML) 54 Page - Analog Devices

Back Button ADE9178 Datasheet HTML 50Page - Analog Devices ADE9178 Datasheet HTML 51Page - Analog Devices ADE9178 Datasheet HTML 52Page - Analog Devices ADE9178 Datasheet HTML 53Page - Analog Devices ADE9178 Datasheet HTML 54Page - Analog Devices ADE9178 Datasheet HTML 55Page - Analog Devices ADE9178 Datasheet HTML 56Page - Analog Devices ADE9178 Datasheet HTML 57Page - Analog Devices ADE9178 Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 122 page
background image
Data Sheet
ADE9178
THEORY OF OPERATION
analog.com
Rev. A | 54 of 122
IRQ Reoccurrence Behavior
Most bits of STATUS0 and STATUS1 (for example, CFx, RMSO-
NERDY, PF_RDY, and ZXx) are associated with an event and these
bits are set whenever the corresponding events occur. For certain
other bits, the rate at which the bits are set are dependent upon a
user-configurable value as shown in Table 28.
Table 28. Reoccurrence Behavior
STATUS0 Bits
Reoccurrence Behavior
EGY_RDY
After every EGY_TIME + 1 ms or EGY_TIME +
1 half-line cycles. Note, it is recommended to use
time-based accumulation mode (for more details, see
Table 30).
SEQERR
After every SEQ_CYC number of consecutive phase-
sequence errors.
ZXTOAV, ZXTOBV,
ZXTOCV
After every ZXTOUT + 1 ms.
The IRQ reoccurrence behavior for dips/swells bits
in STATUS2/STATUS3 registers depends upon the
DIP_SWELL_x_IRQ_MODE configuration bit in CONFIG0 register.
When this configuration bit is 0 ,then the STATUS register bit is
set only when entering or exiting the dip/swell condition. However,
if the configuration bit is set to 1 then the STATUS bits are set
periodically after every DIP_CYC/SWELL_CYC cycles for as long
as the channel is in dips/swells condition.
POWER MANAGEMENT
Initialising the Chipset
The ADE9178 checks its integrity during boot time. If the check
fails pins HOST_RDY and HOST_ERR go low together and the
ADE9178 enters into a standby mode. A hardware reset is required
to take the ADE9178 out of this state. For more details on how to
perform a hardware reset, see the Hardware Reset section.
Hardware Reset
The ADE9178 has a dedicated reset pin. Hardware reset occurs
when the RESET pin is brought low (default state is weak pull-up)
for at least 1.5 μs (If decoupling capacitors are present, this 1.5 μs
needs to be increased to allow for rise/fall time. With 22 pF and
0.1 μF decoupling, the RESET pin must be brought low for at least
1.5 ms). During a hardware reset, all the registers are set to their
default values. The ADE9178 and ADE91xx reset pins should be
connected together as shown in the Test Circuit section.
If ADE9178 is reset due to power cycle or an unexpected external
interference, RSTDONE bit of STATUS0 register is set and IRQ0 is
raised. The application should follow the full start-up procedure to
configure the ADE9178 into the required state. For more details on
how to configure the ADE9178, see the Quick Start section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com