Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9178 Datasheet(PDF) 55 Page - Analog Devices

Part # ADE9178
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178 Datasheet(HTML) 55 Page - Analog Devices

Back Button ADE9178 Datasheet HTML 51Page - Analog Devices ADE9178 Datasheet HTML 52Page - Analog Devices ADE9178 Datasheet HTML 53Page - Analog Devices ADE9178 Datasheet HTML 54Page - Analog Devices ADE9178 Datasheet HTML 55Page - Analog Devices ADE9178 Datasheet HTML 56Page - Analog Devices ADE9178 Datasheet HTML 57Page - Analog Devices ADE9178 Datasheet HTML 58Page - Analog Devices ADE9178 Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 122 page
background image
Data Sheet
ADE9178
APPLICATIONS INFORMATION
analog.com
Rev. A | 55 of 122
CALIBRATION METHOD
The system is calibrated at nominal operating voltage and current
using an accurate source. The worked out example is shown only
for phase A. The calculation remains same for other channels as
well. All calibration steps involve providing a known signal to the
relevant ADC channels and compare one of the output registers to
the expected value of the register.
System Parameters:
►
VNOMINAL = 220 VRMS
►
INOMINAL = 10 ARMS
►
Line Frequency = 50 Hz
►
Shunt Resistor = 500 µΩ
►
Voltage Divider
►
R1 = 990 kΩ
►
R2 = 1 kΩ
►
Divider Ratio = 0.001
Theoretical Full-Scale Voltage =
VFS_T= VADC_FS
Divider_Ratio
÷ 2= 10.001 ÷ 2
=
707 VRMS
(37)
Note that the fully-differential VFS_T is used for this calculation. See
the Worked Examples section on how to calculate VFS_T for the
system.
Full-Scale Current =
IFS= IADC_FS
Sℎunt_Resistance
÷ 2= 0.03125
500×10−6
÷ 2=
44.188 ARMS
(38)
Gain Calibration
This section explains how to calculate the xxGAIN register, which
affects all output parameters of the ADE9178. RMS values are used
to calibrate the gain.
With the nominal voltage and current inputs, read the appropriate
RMS register (for example, AIRMS, AVRMS, or AUXRMS). It is
recommended to read the RMS values once per zero crossings for
1 sec and average them for better accuracy.
The expected RMS register value for given voltage and current can
be calculated as follows:
xRMSEXPECTED=RMSFS_CODES×XNOMINAL
XFS
(39)
where, XNOMINAL is the nominal signal applied at the ADC input and
XFS is either VFS_T, IFS, or AUXFS.
The xxGAIN register can be calculated from expected and ob-
served RMS register as follows:
xxGAIN= xRMSEXPECTED
xRMSMEASURED
−1 ×227 (40)
Example
With the given example system parameters, the following equation
shows the calculations for AV channel gain:
AVRMSEXPECTED=107310840×220
707
=
33392341 decimal
(41)
If AVRMSMEASURED = 33512088 decimal, then:
AVGAIN= 33392341
33512088
−1 ×227=−479595
 decimal=0×FFF8AE96 
(42)
DC Offset Calibration
All xOS registers must be 0 for AC metrology applications.
RMS Offset Calibration
To calibrate RMS offset register, apply a small signal typically at
2000:1 or less dynamic range to the channel the user is trying to
calibrate. It is recommended to keep the other channel as nominal.
In this example, to calibrate the current offset, the calibration
current is set to 20 mA and the voltage is kept at nominal. Read the
RMS values once per zero crossings for 1 sec and average them
for better accuracy.
The expected RMS register value for given input can be calculated
as follows:
xRMSEXPECTED=RMSFS_CODES×XREDUCED
XFS
(43)
where, XREDUCED is the reduced calibration signal applied at the
ADC input and XFS is either VFS_T, IFS, or AUXFS.
The xxRMSOS register can be calculated from expected and ob-
served RMS register as follows:
xxRMSOS= xRMSEXPECTED
2 −xRMSMEASURED
2
215
(44)
Example
With the reduced input current to 20 mV, the following equation
shows the calculations for AI channel offset:
AIRMSEXPECTED=107310840×0.02
44.188
=
48570 decimal
(45)
If AIRMSMEASURED = 48733 decimal, then:
AIRMSOS= 485702−487332
215 =
−484
 decimal=0×FFFFFE1D
(46)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com