Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9178 Datasheet(PDF) 88 Page - Analog Devices

Part # ADE9178
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178 Datasheet(HTML) 88 Page - Analog Devices

Back Button ADE9178 Datasheet HTML 84Page - Analog Devices ADE9178 Datasheet HTML 85Page - Analog Devices ADE9178 Datasheet HTML 86Page - Analog Devices ADE9178 Datasheet HTML 87Page - Analog Devices ADE9178 Datasheet HTML 88Page - Analog Devices ADE9178 Datasheet HTML 89Page - Analog Devices ADE9178 Datasheet HTML 90Page - Analog Devices ADE9178 Datasheet HTML 91Page - Analog Devices ADE9178 Datasheet HTML 92Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 122 page
background image
Data Sheet
ADE9178
REGISTER DETAILS: ADE9178
analog.com
Rev. A | 88 of 122
Table 34. ADE9178 Register Details (Continued)
Addr
Name
Bits
Bit Name
Settings
Description
Reset
Access
register in the configuration
register CRC calculation.
1
CRC_MASK1_EN
CRC MASK1 Enable. Set this
bit to include the MASK1
register in the configuration
register CRC calculation.
0x0
R/W
0
CRC_MASK0_EN
CRC MASK0 Enable. Set this
bit to include the MASK0
register in the configuration
register CRC calculation.
0x0
R/W
0x0DC
CRC_FORCE
[31:1]
RESERVED
Reserved.
0x0
R
0
CRC_FORCE_VAL
Force Configuration Registers
CRC Update. Write this bit to
force the configuration register
CRC calculation to start. When
the calculation completes, the
CRC_DONE bit is set in the
STATUS1 register.
0x0
R/W
0x0DD
CONFIG_LOCK
[31:1]
RESERVED
Reserved.
0x0
R
0
CONFIG_LOCK_VAL
Configuration Lock Register.
When set, CONFIG_LOCK
prohibits write access to
all configuration and user
registers.
0x0
R/W
0x257
AWATTHR_POS_LO
[31:13]
RESERVED
Reserved.
0x0
R
[12:0]
AWATTHR_POS_LO_VAL
Phase A Accumulated Positive
Total Active Energy, LSB.
Stores [12:0] bits out of 45 bits
energy output.
0x0
R
0x259
AWATTHR_NEG_LO
[31:13]
RESERVED
Reserved.
0x0
R
[12:0]
AWATTHR_NEG_LO_VAL
Phase A Accumulated
Negative Total Active Energy,
LSB. Stores [12:0] bits out of
45 bits energy output.
0x0
R
0x25B
AWATTHR_SIGNED_LO
[31:13]
RESERVED
Reserved.
0x0
R
[12:0]
AWATTHR_SIGNED_LO_VAL
Phase A Signed Accumulated
Total Active Energy, LSB.
Stores [12:0] bits out of 45 bits
energy output.
0x0
R
0x25D
AVAHR_LO
[31:13]
RESERVED
Reserved.
0x0
R
[12:0]
AVAHR_LO_VAL
Phase A Accumulated Total
Apparent Energy, LSB. Stores
[12:0] bits out of 45 bits energy
output.
0x0
R
0x262
BWATTHR_POS_LO
[31:13]
RESERVED
Reserved.
0x0
R
[12:0]
BWATTHR_POS_LO_VAL
Phase B Accumulated Positive
Total Active Energy, LSB.
Stores [12:0] bits out of 45 bits
energy output.
0x0
R
0x264
BWATTHR_NEG_LO
[31:13]
RESERVED
Reserved.
0x0
R
[12:0]
BWATTHR_NEG_LO_VAL
Phase B Accumulated
Negative Total Active Energy,
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com