Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9178 Datasheet(PDF) 87 Page - Analog Devices

Part # ADE9178
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178 Datasheet(HTML) 87 Page - Analog Devices

Back Button ADE9178 Datasheet HTML 83Page - Analog Devices ADE9178 Datasheet HTML 84Page - Analog Devices ADE9178 Datasheet HTML 85Page - Analog Devices ADE9178 Datasheet HTML 86Page - Analog Devices ADE9178 Datasheet HTML 87Page - Analog Devices ADE9178 Datasheet HTML 88Page - Analog Devices ADE9178 Datasheet HTML 89Page - Analog Devices ADE9178 Datasheet HTML 90Page - Analog Devices ADE9178 Datasheet HTML 91Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 122 page
background image
Data Sheet
ADE9178
REGISTER DETAILS: ADE9178
analog.com
Rev. A | 87 of 122
Table 34. ADE9178 Register Details (Continued)
Addr
Name
Bits
Bit Name
Settings
Description
Reset
Access
11
CRC_SWELLONE_CYC_EN
CRC SWELLONE_CYC
Enable. Set this bit to
include the xSWELLONE_CYC
registers of all ADC channels in
the configuration register CRC
calculation.
0x0
R/W
10
CRC_SWELLONE_LVL_EN
CRC SWELLONE_LVL Enable.
Set this bit to include the
xSWELLONE_LVL registers of
all ADC channels in the
configuration register CRC
calculation.
0x0
R/W
9
CRC_SWELLHALF_CYC_EN
CRC SWELLHALF_CYC
Enable. Set this bit to include
the xSWELLHALF_CYC
registers of all ADC channels in
the configuration register CRC
calculation.
0x0
R/W
8
CRC_SWELLHALF_LVL_EN
CRC SWELLHALF_LVL
Enable. Set this bit to
include the xSWELLHALF_LVL
registers of all ADC channels in
the configuration register CRC
calculation.
0x0
R/W
7
CRC_DIPONE_CYC_EN
CRC DIPONE_CYC Enable.
Set this bit to include the
xDIPONE_CYC registers of
all ADC channels in the
configuration register CRC
calculation.
0x0
R/W
6
CRC_DIPONE_LVL_EN
CRC DIPONE_LVL Enable.
Set this bit to include the
xDIPONE_LVL registers of
all ADC channels in the
configuration register CRC
calculation.
0x0
R/W
5
CRC_DIPHALF_CYC_EN
CRC DIPHALF_CYC Enable.
Set this bit to include the
xDIPHALF_CYC registers of
all ADC channels in the
configuration register CRC
calculation.
0x0
R/W
4
CRC_DIPHALF_LVL_EN
CRC DIPHALF_LVL Enable.
Set this bit to include the
xDIPHALF_LVL registers of
all ADC channels in the
configuration register CRC
calculation.
0x0
R/W
3
CRC_MASK3_EN
CRC MASK3 Enable. Set this
bit to include the MASK3
register in the configuration
register CRC calculation.
0x0
R/W
2
CRC_MASK2_EN
CRC MASK2 Enable. Set this
bit to include the MASK2
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com