Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9178 Datasheet(PDF) 38 Page - Analog Devices

Part # ADE9178
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADE9178 Datasheet HTML 34Page - Analog Devices ADE9178 Datasheet HTML 35Page - Analog Devices ADE9178 Datasheet HTML 36Page - Analog Devices ADE9178 Datasheet HTML 37Page - Analog Devices ADE9178 Datasheet HTML 38Page - Analog Devices ADE9178 Datasheet HTML 39Page - Analog Devices ADE9178 Datasheet HTML 40Page - Analog Devices ADE9178 Datasheet HTML 41Page - Analog Devices ADE9178 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 122 page
background image
Data Sheet
ADE9178
THEORY OF OPERATION
analog.com
Rev. A | 38 of 122
Note that the fully-differential VFS_T is used for this calculation. See
the Worked Examples section on how to calculate VFS_T for the
system.
The complete apparent power signal processing datapath is shown
in Figure 52.
Figure 52. Total Apparent Power Path
Table 18. Total Apparent Power Settling Time with 50 Hz Input
Total Apparent Power Settling Time (Sec)
Configuration
FS = 99%
FS = 99.9%
HPF On, LPF On
1.05754
1.41282
Energy Calculation
The energy path consists of an internal accumulator updating at
4 kHz rate, to perform summation of power outputs. The accumula-
tion is carried out for either a user-defined time duration or number
of half-line cycles based upon the EGY_TMR_MODE bit configured
in the EP_CFG register. It is recommended to use time-based accu-
mulation mode (for more details, see Table 30). The time or half-line
cycles is set in the EGY_TIME register. Set the EGY_PWR_EN bit
in EP_CFG register to enable energy accumulation.
After EGY_TIME + 1 ms or EGY_TIME + 1 half-line cycle (depend-
ing on EGY_TMR_MODE), the EGYRDY bit is set in the STATUS0
register, and the energy output registers are updated. Note that in
the time accumulation mode, four samples of power are produced
every 1 ms so the expected output codes in the energy register
for a full-scale input signal is POWFS_CODES × 4 × (EGY_TIME +
1). For line-cycle accumulation mode, the expected output codes
in the energy register for a full-scale input signal is POWFS_CODES
× 4 × (EGY_TIME + 1) × (half_line cycle/1 ms). This is due to
power being calculated internally at a 4 kHz rate. The data from the
internal energy accumulator is either added or latched to the output
register depending on the EGY_LD_ACCUM bit setting in the
EP_CFG register. The user can configure automatic resetting the
energy output register after reading them using the RD_RST_EN
bit in the EP_CFG register. Figure 53 shows an overview of
energy accumulation. Three separate accumulators are provided
for positive, negative, and signed accumulation. Even though the
Figure 53 shows only accumulation of AWATT, there are similar
separate accumulators for other active energy channels (BWATT
and CWATT). Apparent energy channels (AVA, BVA, and CVA) only
have positive accumulators. Energy is not accumulated if no load is
detected.
Figure 53. No Load and Sign Check
where, x is the phase (A, B, or C) and xxx is either ACT or APP,
which depends on if the calculated energy is active or apparent.
Figure 54. Energy Accumulation Flow
In half-line cycle accumulation mode, the energy is accumulated
over an integer number of half-line cycles and is synchronized to
one of the voltage channels zero crossings decided by the ZX_SEL
bits in the ZX_LP_SEL register. The advantage of summing the
active energy over an integer number of line cycles is that the
sinusoidal component in the active energy is reduced to 0. This
eliminates any ripple in the energy calculation and allows the ener-
gy to be accumulated accurately over a shorter time. This mode
greatly simplifies the energy calibration and significantly reduces
the time required to calibrate the meter.
Note that with full-scale inputs, the internal and output energy
registers overflows in 51.242 sec of samples. Hence, EGY_TIME
register value must be set to value lower than 5124d for half-line
cycle accumulation and lower than 51241d in time accumulation
mode to prevent overflowing of the output registers.
Each energy output register is 45-bits wide, split between two
registers: a register containing the 32 MSB, xHR_xx_HI or xHR_HI ,
and a register containing the 13 LSB, xHR_xx_LO or xHR_LO
(where, x = xWATT or xVA and xx = SIGNED, POS or NEG, for
example, AWATTHR_POS_HI or AVAHR_HI). The lower 13 bits of
energy output are stored in the xHR_LO register.
For example, if the accumulated energy value is
0x0456789ABCDE, then xHR_xx_HI or xHR_HI stores
0x22B3C4D5 and xHR_xx_LO or xHR_LO stores 0x1CDE.
In some installations, it is not required to accumulate energy at
very high precision. In such cases, only the xHR_xx_HI or xHR_HI
register can be read and can ignore the value in xHR_xx_LO or
XHR_LO register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com