Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9178 Datasheet(PDF) 58 Page - Analog Devices

Part # ADE9178
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178 Datasheet(HTML) 58 Page - Analog Devices

Back Button ADE9178 Datasheet HTML 54Page - Analog Devices ADE9178 Datasheet HTML 55Page - Analog Devices ADE9178 Datasheet HTML 56Page - Analog Devices ADE9178 Datasheet HTML 57Page - Analog Devices ADE9178 Datasheet HTML 58Page - Analog Devices ADE9178 Datasheet HTML 59Page - Analog Devices ADE9178 Datasheet HTML 60Page - Analog Devices ADE9178 Datasheet HTML 61Page - Analog Devices ADE9178 Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 122 page
background image
Data Sheet
ADE9178
APPLICATIONS INFORMATION
analog.com
Rev. A | 58 of 122
11. See the following sections to set up other metrology features:
a. Total Active Power
b. Total Apparent Power
c. Line Period Calculation:
1. It is recommended to configure CONFIG0:PERI-
OD_AVG_CFG[4:3] to 0x2 to average the period over
16 samples. This reduces the period jitter.
d. RMS of One Cycle:
1. It is recommended to configure CON-
FIG0:RMSONE_SRC_SEL[11] to 0x1 to use data from
before the HPF for the fastest response time.
2. It is recommended to configure CONFIG0:PERI-
OD_AVG_CFG[4:3] to 0x2 to average the period over
16 samples. This reduces the period jitter.
e. RMS of Half Cycle:
1. It is recommended to configure CON-
FIG0:RMSHALF_SRC_SEL[11] to 0x1 to use data from
before the HPF for the fastest response time.
2. It is recommended to configure CONFIG0:PERI-
OD_AVG_CFG[4:3] to 0x2 to average the period over
16 samples. This reduces the period jitter.
f. Peak Detection
g. Dip and Swells
h. Phase-Sequence Error Detection
i. Zero-Crossing Timeout
j. Neutral Current Mismatch
k. PEN Fault Detection
l. Waveform Streaming
12. Enable energy accumulation by setting the EGY_PWR_EN bit
in the EP_CFG register to 1.
13. It is recommended to enable CRC check of the configuration
registers. For more details, see the CRC of Configuration Reg-
isters section.
14. To prevent any changes to the ADE9178 configuration, enable
write protection by writing 1 to the CONFIG_LOCK register. For
more details, see the Configuration Lock section.
15. After the RUN bit of ADC_CONTROL (set in Step 10 Part d) is
set, the output registers update at a frequency shown in Table
26. For more details, see the Output Register Update Rates
section.
For more detailed information on how to set up the ADE9178 in an
EVSE application, refer to the application note, Using ADE9178 for
EV Charger Metrology Solution.
LAYOUT GUIDELINES
For layout guidelines, refer to the application note Using ADE9178
for EV Charger Metrology Solution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com