Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9178 Datasheet(PDF) 79 Page - Analog Devices

Part # ADE9178
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178 Datasheet(HTML) 79 Page - Analog Devices

Back Button ADE9178 Datasheet HTML 75Page - Analog Devices ADE9178 Datasheet HTML 76Page - Analog Devices ADE9178 Datasheet HTML 77Page - Analog Devices ADE9178 Datasheet HTML 78Page - Analog Devices ADE9178 Datasheet HTML 79Page - Analog Devices ADE9178 Datasheet HTML 80Page - Analog Devices ADE9178 Datasheet HTML 81Page - Analog Devices ADE9178 Datasheet HTML 82Page - Analog Devices ADE9178 Datasheet HTML 83Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 122 page
background image
Data Sheet
ADE9178
REGISTER DETAILS: ADE9178
analog.com
Rev. A | 79 of 122
Table 34. ADE9178 Register Details (Continued)
Addr
Name
Bits
Bit Name
Settings
Description
Reset
Access
frequency converter. Note that
this bit automatically clears
itself.
9
WIDTHSEL
CF2 Pulse Width Select. If this
bit is set, the CF2 pulse width
is determined by the CF_LTMR
register value. If this bit is
equal to zero, the active-low
pulse width is set at 80 ms
for frequencies lower than 6.25
Hz.
0x0
R/W
[8:7]
ACCMODE
CF2 Accumulation Mode
Configuration.
0x0
R/W
00
Signed Accumulation Mode.
10
Positive Accumulation Mode.
11
Negative Accumulation Mode.
[6:4]
PHASESEL
Phases to Include in CF2
Pulse Output. PHASESEL[0]
set to 1 to include phase
A in the CF2 outputs
calculations. PHASESEL[1] set
to 1 to include phase B in
the CF2 outputs calculations.
PHASESEL[2] set to 1 to
include phase C in the CF2
outputs calculations.
0x0
R/W
[3:1]
PWRSEL
CF2 Energy Output Type. Type
of energy output on the CF2
pin. Configure PHASESEL2
in the CF2_CONFIG register
to select which phases are
included.
0x0
R/W
000
Total Active Power.
001
Total Apparent Power.
0
CFDIS
CF2 Output Disable. Set this bit
to disable the CF2 output and
bring the pin high. Note that
when this bit is set, the CF2 bit
in STATUS0 is not set when a
CF pulse is accumulated in the
digital to frequency converter.
0x1
R/W
0x0B7
RMSHALF_CONFIG
[31:12]
RESERVED
Reserved.
0x0
R
11
AUX5_RMSHALF_MODE_SEL
AUX5RMSHALF Mode
Selection. Set this
bit to calculate
AUX5RMSHALF based on
USER_PERIOD_HALF or
else synchronize with zero
crossings of AUX5 channel.
0x0
R/W
0
Synchronized with Zero
Crossing. Synchronize
RMSHALF calculation with
zero crossings of the channel.
1
Synchronized with User-
Defined Half Period Value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com