Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9178 Datasheet(PDF) 44 Page - Analog Devices

Part # ADE9178
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178 Datasheet(HTML) 44 Page - Analog Devices

Back Button ADE9178 Datasheet HTML 40Page - Analog Devices ADE9178 Datasheet HTML 41Page - Analog Devices ADE9178 Datasheet HTML 42Page - Analog Devices ADE9178 Datasheet HTML 43Page - Analog Devices ADE9178 Datasheet HTML 44Page - Analog Devices ADE9178 Datasheet HTML 45Page - Analog Devices ADE9178 Datasheet HTML 46Page - Analog Devices ADE9178 Datasheet HTML 47Page - Analog Devices ADE9178 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 122 page
background image
Data Sheet
ADE9178
THEORY OF OPERATION
analog.com
Rev. A | 44 of 122
Table 22. Zero-Crossing Use in Other Functions
Function Using Zero Crossing
ZX Transition Used
Corresponding STATUSx
Register Bits
Selecting Which Phase to Use
for Measurement
Effect if ZX Does Not Occur
ZX Indication in STATUS0 Register1
Negative to positive
and positive to
negative
ZXAI, ZXBI, ZXCI, ZXAV,
ZXBV, ZXCV, ZXAUX0,
ZXAUX1, ZXAUX2,
ZXAUX3, ZXAUX4,
ZXAUX5, and ZXCOMB of
STATUS0 and STATUS1
registers
N/A2
ZXx bit is latched in STATUS1. If
cleared, it is not set again. ZXx interrupt
does not occur.
Zero-Crossing Timeout
Negative to positive
and positive to
negative
ZXTOAV, ZXTOBV, and
ZXTOCV of STATUS0 and
STATUS1 registers
N/A2
Zero-crossing timeout is indicated by the
ZXTOAV, ZXTOBV, or ZXTOCV bit in
the STATUS0 register and an interrupt
can be enabled to occur.
Phase-Sequence Error Detection
Negative to positive
only
SEQERR of STATUS0 and
STATUS1 registers
N/A2
If one to two ZX events are missing,
SEQERR is generated. If all ZX are
missing then SEQERR bit is not set.
Energy Accumulation
Negative to positive
and positive to
negative
N/A2
ZX_LP_SEL:ZX_SEL[1:0] selects
the zero-crossing output used for
line-cycle energy accumulation and
ZX output pin.
Line-cycle accumulation does not
update. Note, it is not recommended to
use line-cycle accumulation mode (for
more details, see Table 30).
Line Period Measurement
Negative to positive
only
N/A2
N/A2
Coerced to default value: 0x0050_0000
if ACCMODE.SELFREQ = 0, for
a 50 Hz network, 0x0042_AAAA if
ACCMODE.SELFREQ = 1, for a 60 Hz
network.
RMSONE, DIPONE, SWELLONE
Negative to positive
only
STATUS2 register
ZX_LP_SEL:LP_SEL[3:2] selects
the phase voltage line period used
as the basis for these calculations.
If the selected line period is invalid
because zero crossings are not
detected or the calculation results
in something outside a 40 Hz to
70 Hz range, the line period used
for the calculation is coerced to
the default line period: 0x0050_0000
if ACCMODE:SELFREQ = 0, for
a 50 Hz network, 0x0042_AAAA if
ACCMODE:SELFREQ = 1, for a 60
Hz network. This line period is used
to calculate RMSONE and associated
events.
RMSHALF, DIPHALF, SWELLHALF
Negative to positive
and positive to
negative
STATUS3 register
N/A2
If bits are set to 1 in the
RMSHALF_CONFIG register then the
corresponding RMSHALF register value
is calculated based on the user-
configured half line-cycle period register
(USER_PERIOD_HALF). Otherwise,
if zero crossing is not detected,
the corresponding RMSHALF register
value is not updated. DIPHALF and
SWELLHALF is not detected in such
cases.
Angle Measurements
Negative to positive
only
N/A2
N/A2
Does not update, keeps last value.
1 The ZX output from ADE9178 has very high jitter, hence it is not intended for external use.
2 N/A means not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com