Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9178 Datasheet(PDF) 5 Page - Analog Devices

Part # ADE9178
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178 Datasheet(HTML) 5 Page - Analog Devices

  ADE9178 Datasheet HTML 1Page - Analog Devices ADE9178 Datasheet HTML 2Page - Analog Devices ADE9178 Datasheet HTML 3Page - Analog Devices ADE9178 Datasheet HTML 4Page - Analog Devices ADE9178 Datasheet HTML 5Page - Analog Devices ADE9178 Datasheet HTML 6Page - Analog Devices ADE9178 Datasheet HTML 7Page - Analog Devices ADE9178 Datasheet HTML 8Page - Analog Devices ADE9178 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 122 page
background image
Data Sheet
ADE9178
SPECIFICATIONS
analog.com
Rev. A | 5 of 122
SYSTEM SPECIFICATIONS FOR ADE9178, ADE9103, ADE9112, AND ADE9113
VDD = 3.3 V ± 10%, GND = DGND = 0 V, TMIN to TMAX = −40°C to +105°C, TTYP = +25°C, and high-pass filter (HPF) on, unless otherwise
noted.
Table 1. System Specifications
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
TOTAL ACTIVE ENERGY
Measurement Error (3-Phases)
Total Active Energy
0.1
%
Over a dynamic range of 2000 to 1, power factor (PF) = 1,
10 second accumulation, power offset calibration applied
0.2
%
Over a dynamic range of 2000 to 1, power factor (PF) = 1,
10 second accumulation, no power offset calibration applied
Total Active Energy Bandwidth
1.65
kHz
ADE91xx LPF_BW = 0
TOTAL APPARENT ENERGY
Measurement Error (3-Phases)
Total Apparent Energy
0.1
%
Over a dynamic range of 2000 to 1, power factor (PF) = 1,
10 second accumulation, RMS offset calibration applied
0.6
%
Over a dynamic range of 2000 to 1, power factor (PF) = 1,
10 second accumulation, no RMS offset calibration applied
RMS MEASUREMENTS
Filtered IRMS
0.4
%
Over a dynamic range of 2000 to 1, average of 1 sample per
line cycle for 1 second, RMS offset calibration applied
0.65
%
Over a dynamic range of 2000 to 1, average of 1 sample per
line cycle for 1 second, no RMS offset calibration applied
Filtered VRMS
0.2
%
Over a dynamic range of 2000 to 1, average of 1 sample per
line cycle for 1 second, RMS offset calibration applied
0.2
%
Over a dynamic range of 2000 to 1, average of 1 sample per
line cycle for 1 second, no RMS offset calibration applied
IRMS of Half Cycle
2.5
%
Over a dynamic range of 1000 to 1, based on a single result,
RMS offset calibration applied
2.5
%
Over a dynamic range of 1000 to 1, based on a single result,
no RMS offset calibration applied
VRMS of Half Cycle
1
%
Over a dynamic range of 1000 to 1, based on a single result,
RMS offset calibration applied
1
%
Over a dynamic range of 1000 to 1, based on a single result,
no RMS offset calibration applied
IRMS of Full Cycle
2
%
Over a dynamic range of 1000 to 1, based on a single result,
RMS offset calibration applied
2
%
Over a dynamic range of 1000 to 1, based on a single result,
no RMS offset calibration applied
VRMS of Full Cycle
0.5
%
Over a dynamic range of 1000 to 1, based on a single result,
RMS offset calibration applied
0.5
%
Over a dynamic range of 1000 to 1, based on a single result,
no RMS offset calibration applied
METROLOGY MESUREMENTS
Phase Angle
Measurement Error
0.5
Degrees
Over a dynamic range of 100 to 1, line frequency = 45 Hz to
65 Hz, phase angle = 0° to 360°, HPF on
Power Factor
Measurement Error
0.005
PF
Over a dynamic range of 2000 to 1, power factor (PF)= −1 to
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com