Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9178 Datasheet(PDF) 56 Page - Analog Devices

Part # ADE9178
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178 Datasheet(HTML) 56 Page - Analog Devices

Back Button ADE9178 Datasheet HTML 52Page - Analog Devices ADE9178 Datasheet HTML 53Page - Analog Devices ADE9178 Datasheet HTML 54Page - Analog Devices ADE9178 Datasheet HTML 55Page - Analog Devices ADE9178 Datasheet HTML 56Page - Analog Devices ADE9178 Datasheet HTML 57Page - Analog Devices ADE9178 Datasheet HTML 58Page - Analog Devices ADE9178 Datasheet HTML 59Page - Analog Devices ADE9178 Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 122 page
background image
Data Sheet
ADE9178
APPLICATIONS INFORMATION
analog.com
Rev. A | 56 of 122
Power Gain Calibration
xPGAIN is the gain calibration register for phase x. The active and
apparent powers in each phase have a common gain register.
To configure the ADE9178, do the following steps:
1. Apply nominal voltage and current at power factor = 1.
2. Set EP_CFG = 0x15 and EGY_TIME = 999d (1 sec accumula-
tion).
3. Read the xWATTHR_SIGNED_HI register (throw away first
sample).
The expected xWATTHR_SIGNED_HI register value for nominal
inputs can be calculated as follows:
xWATTHR_SIGNED_HIEXPECTED=IFSP
×VFS_TP×POWFS_CODES
×Accumulation_Time×4000×2−13 (47)
where, IFSP is the nominal current as a fraction of full scale and
VFS_TP is the nominal voltage as a fraction of full scale.
The xPGAIN register value can be obtained as follows:
xPGAIN= xWATTHR_SIGNED_HIEXPECTED
xWATTHR_SIGNED_HIMEASURED
−1
×227
(48)
Example
With the given example system parameters, the following equations
show the calculations for APGAIN:
IFSP= 1044.188=0.22631
(49)
VFS_TP=220707=0.31117
(50)
AWATTHR_SIGNED_HIEXPECTED=0.22631
×0.31117×85829040×1×4000×2−13
=2951248 decimal
(51)
If AWATTHR_SIGNED_HIMEASURED = 2846714 decimal, then:
APGAIN= 2951248
2846714
−1 ×227=4928600
 decimal=0×4B313D
(52)
Power Offset Calibration
Like the RMS offset calibration, the power offset calibration is
performed with a small current at 5000:1 or less dynamic range. In
this example, the offset calibration current is 20 mA and the voltage
is 220 V.
To configure the ADE9178, do the following steps:
1. Apply nominal voltage and offset calibration current at power
factor = 1.
2. Set EP_CFG = 0x15 and EGY_TIME = 9999d (10 sec accumu-
lation).
3. Read the xWATTHR_SIGNED_HI register (throw away first
sample).
The expected xWATTHR_SIGNED_HI register value for nominal
inputs can be calculated as follows:
xWATTHR_SIGNED_HIEXPECTED=IFSP
×VFS_TP×POWFS_CODES
×Accumulation_Time×4000×2−13 (53)
where, IFSP is the nominal current as a fraction of full scale and
VFS_TP is the nominal voltage as a fraction of full scale.
The xWATTOS register value can be obtained as follows:
xWATTOS
=xWATTHR_SIGNED_HIEXPECTED−xWATTHR_SIGNED_HIMEASURED
Accumulation
_Time×4000×2−13
Example
With the given example system parameters, the following equations
show the calculations for APGAIN:
IFSP= 0.0244.188=0.00045
(54)
VFS_TP=220707=0.31117
(55)
AWATTHR_SIGNED_HIEXPECTED=0.00045
×0.31117×85829040×10×4000×2−13
=
59025 decimal
(56)
If AWATTHR_SIGNED_HIMEASURED = 58134 decimal, then:
AWATTOS= 59025−58134
10×4000×2−13
=
182 decimal
=0×B6
(57)
Phase Calibration
It is recommended to keep the voltage channel xVPHCAL as
default value (0). To calculate xIPHCAL, apply a nominal current
and voltage at lagging power factor of 0.5, calculate phase error
from power factor xPF measured as follows:
ϕ= π3−cos−1 xPFMEASURED
227
×−1 (58)
The xIPHCAL register can be calculated as follows:
xIPHCAL=sinϕ−ω+sinω
sin2ω−ϕ
×227
, wℎere, ω
=2π×fLINE× 14000
(59)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com