Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9178 Datasheet(PDF) 6 Page - Analog Devices

Part # ADE9178
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADE9178 Datasheet HTML 2Page - Analog Devices ADE9178 Datasheet HTML 3Page - Analog Devices ADE9178 Datasheet HTML 4Page - Analog Devices ADE9178 Datasheet HTML 5Page - Analog Devices ADE9178 Datasheet HTML 6Page - Analog Devices ADE9178 Datasheet HTML 7Page - Analog Devices ADE9178 Datasheet HTML 8Page - Analog Devices ADE9178 Datasheet HTML 9Page - Analog Devices ADE9178 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 122 page
background image
Data Sheet
ADE9178
SPECIFICATIONS
analog.com
Rev. A | 6 of 122
Table 1. System Specifications (Continued)
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Period
Measurement Error
5
mHz
Line frequency = 45 Hz to 65 Hz,
CONFIG0:PERIOD_AVG_CFG[4:3] = 0x0 (no period
averaging)
CF1, CF2 PULSE OUTPUTS
Output Frequency
500
Hz
CF saturates at 1 kHz but performance specification is up to
500 Hz
Active-Low Pulse Width
0.2
ms
CF1 Jitter
0.1
%
Voltage = 50% of full scale, current over dynamic range of
2000 to 1, CF1_THR = d1341078 = 500 Hz at current full
scale, CF2 disabled
0.1
%
Voltage = 50% of full scale, current over dynamic range of
2000 to 1, CF1_THR = d22351312 = 30 Hz at current full
scale, CF2 disabled
CF2 Jitter
0.5
%
Voltage = 50% of full scale, current over dynamic range of
2000 to 1, CF1_THR = d1341078 = 500 Hz at current full
scale, CF1 enabled
0.1
%
Voltage = 50% of full scale, current over dynamic range of
2000 to 1, CF1_THR = d22351312 = 30 Hz at current full
scale, CF1 enabled
BOOT TIME
System-Level Boot Time
16
ms
From RSTN pin toggle to RSTDONE flag being set, VDD ≥
2.97 V
ADE91xx CLOCK
Input Clock Frequency
16.384
MHz
Tolerance
1000
ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com