Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9178 Datasheet(PDF) 89 Page - Analog Devices

Part # ADE9178
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178 Datasheet(HTML) 89 Page - Analog Devices

Back Button ADE9178 Datasheet HTML 85Page - Analog Devices ADE9178 Datasheet HTML 86Page - Analog Devices ADE9178 Datasheet HTML 87Page - Analog Devices ADE9178 Datasheet HTML 88Page - Analog Devices ADE9178 Datasheet HTML 89Page - Analog Devices ADE9178 Datasheet HTML 90Page - Analog Devices ADE9178 Datasheet HTML 91Page - Analog Devices ADE9178 Datasheet HTML 92Page - Analog Devices ADE9178 Datasheet HTML 93Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 122 page
background image
Data Sheet
ADE9178
REGISTER DETAILS: ADE9178
analog.com
Rev. A | 89 of 122
Table 34. ADE9178 Register Details (Continued)
Addr
Name
Bits
Bit Name
Settings
Description
Reset
Access
LSB. Stores [12:0] bits out of
45 bits energy output.
0x266
BWATTHR_SIGNED_LO
[31:13]
RESERVED
Reserved.
0x0
R
[12:0]
BWATTHR_SIGNED_LO_VAL
Phase B Signed Accumulated
Total Active Energy, LSB.
Stores [12:0] bits out of 45 bits
energy output.
0x0
R
0x268
BVAHR_LO
[31:13]
RESERVED
Reserved.
0x0
R
[12:0]
BVAHR_LO_VAL
Phase B Accumulated Total
Apparent Energy, LSB. Stores
[12:0] bits out of 45 bits energy
output.
0x0
R
0x26D
CWATTHR_POS_LO
[31:13]
RESERVED
Reserved.
0x0
R
[12:0]
CWATTHR_POS_LO_VAL
Phase C Accumulated Positive
Total Active Energy, LSB.
Stores [12:0] bits out of 45 bits
energy output.
0x0
R
0x26F
CWATTHR_NEG_LO
[31:13]
RESERVED
Reserved.
0x0
R
[12:0]
CWATTHR_NEG_LO_VAL
Phase C Accumulated
Negative Total Active Energy,
LSB. Stores [12:0] bits out of
45 bits energy output.
0x0
R
0x271
CWATTHR_SIGNED_LO
[31:13]
RESERVED
Reserved.
0x0
R
[12:0]
CWATTHR_SIGNED_LO_VAL
Phase C Signed Accumulated
Total Active Energy, LSB.
Stores [12:0] bits out of 45 bits
energy output.
0x0
R
0x272
CWATTHR_SIGNED_HI
[31:0]
CWATTHR_SIGNED_HI_VAL
Phase C Signed Accumulated
Total Active Energy, MSB.
Stores [44:13] bits out of 45
bits energy output.
0x0
R
0x273
CVAHR_LO
[31:13]
RESERVED
Reserved.
0x0
R
[12:0]
CVAHR_LO_VAL
Phase C Accumulated Total
Apparent Energy, LSB. Stores
[12:0] bits out of 45 bits energy
output.
0x0
R
0x285
IPEAK
[31:27]
RESERVED
Reserved.
0x0
R
[26:24]
IPPHASE
Current Channel Peak
Phase. These bits indicate
which phase generated the
IPEAKVAL value. Among all
the monitored phases for peak
detection, phase A current had
the highest peak if bit 0 is
set, phase B current had the
highest peak if bit 1 is set,
and phase C current had the
highest peak if bit 2 is set.
0x0
R
[23:0]
IPEAKVAL
Absolute Value of the Peak
Current. Stores absolute value
of the peak for current
channels.
0x0
R
0x286
VPEAK
[31:27]
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com