Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9178 Datasheet(PDF) 10 Page - Analog Devices

Part # ADE9178
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADE9178 Datasheet HTML 6Page - Analog Devices ADE9178 Datasheet HTML 7Page - Analog Devices ADE9178 Datasheet HTML 8Page - Analog Devices ADE9178 Datasheet HTML 9Page - Analog Devices ADE9178 Datasheet HTML 10Page - Analog Devices ADE9178 Datasheet HTML 11Page - Analog Devices ADE9178 Datasheet HTML 12Page - Analog Devices ADE9178 Datasheet HTML 13Page - Analog Devices ADE9178 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 122 page
background image
Data Sheet
ADE9178
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
analog.com
Rev. A | 10 of 122
Figure 4. Pin Configuration
Table 6. Pin Function Descriptions
Pin Number
Mnemonic
Input/Output
Active Low/High
Description
1, 2, 3, 4, 11, 14, 17,
19, 20, 21, 22, 24,
34, 38
NC
N/A1
N/A1
No Connect.
5
PULL_UP
N/A1
N/A1
10 kΩ Pull-Up to VDD.
6
ADC_MISO
Input
Active High
Data Input for the ADC SPI Port to the supported Analog Front End (AFEs).
7
ADC_MOSI
Output
Active High
Data Output for the ADC SPI Port from the supported AFEs.
8
ADC_SCLK
Output
Active High
Serial-Clock Output for the ADC SPI Port.
9
ADC_CS
Output
Active Low
Chip Select for ADC SPI Port.
10
ADC_DREADY
Input
Active Low
DREADY Input, Signal to let ADE9178 know that ADC samples are ready. 0.01 µF
capacitor to GND.
12, 13, 15, 16
IRQ0, IRQ1, IRQ2,
IRQ3
Output
Active Low
User-Programmable Interrupt Request Output.
18
WAVEFORM_TX
Output
Active High
Waveform Streaming through a UART transmit pin.
23, 25
CF1, CF2
Output
Active High
Calibration Frequency (CF) Logic Output. This output provides power information and
is used for operational and calibration purposes.
26
HOST_MISO
Output
Active High
Data Output for the SPI Port to the Host MCU.
27
HOST_MOSI
Input
Active High
Data Input for the SPI Port from the Host MCU.
28
HOST_SCLK
Input
Active High
Serial-Clock Input from the Host MCU.
29
HOST_CS
Input
Active Low
Chip-Select Input for Host SPI Port.
30
HOST_RDY
Output
Active Low
Flag to let the Host MCU know that response from the Host Command is ready. 10 kΩ
pull-up to VDD.
31
HOST_ERR
Output
Active Low
Flag to let the Host MCU know that there is an error during the Command processing.
10 kΩ pull-up to VDD.
32
DVDDOUT2
N/A1
N/A1
Bypass with 4.7 nF to GND.
33, 39
PULL_DOWN1,
PULL_DOWN2
N/A1
N/A1
1 kΩ Pull-Down to GND.
35
RESET
Input
Active Low
External System Reset Input. The device remains in reset while this pin is in its active
state. When the pin transitions to its inactive state, the device performs a POR reset
(resetting all logic) and begins execution. 22 pF and 0.1 µF to GND.
36
GND
N/A1
N/A1
Ground Reference for the Input Circuitry.
37
VDD
Input
N/A1
Supply Voltage. This pin provides the supply voltage. For specified operation, maintain
the supply voltage at 3.3 V ± 10%. Bypass with 100 nF to GND and 1 μF with 10 mΩ
to 150 mΩ equivalent series resistance (ESR) to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com