Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9178 Datasheet(PDF) 70 Page - Analog Devices

Part # ADE9178
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178 Datasheet(HTML) 70 Page - Analog Devices

Back Button ADE9178 Datasheet HTML 66Page - Analog Devices ADE9178 Datasheet HTML 67Page - Analog Devices ADE9178 Datasheet HTML 68Page - Analog Devices ADE9178 Datasheet HTML 69Page - Analog Devices ADE9178 Datasheet HTML 70Page - Analog Devices ADE9178 Datasheet HTML 71Page - Analog Devices ADE9178 Datasheet HTML 72Page - Analog Devices ADE9178 Datasheet HTML 73Page - Analog Devices ADE9178 Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 122 page
background image
Data Sheet
ADE9178
REGISTER SUMMARY: ADE9178
analog.com
Rev. A | 70 of 122
Table 33. ADE9178 Register Summary (Continued)
Address
Name
Description
Reset
Access
0x295
CRC_RSLT
Configuration Registers CRC Value.
0x00000000
R
0x400
STATUS0
Status Register 0.
0x00000000
R/W
0x401
STATUS1
Status Register 1.
0x00000000
R/W
0x402
STATUS2
Status Register 2.
0x00000000
R/W
0x403
STATUS3
Status Register 3.
0x00000000
R/W
0x404
ERROR_STATUS
Firmware Status Register.
0x00000000
R/W
0x405
MASK0
Interrupt Enable Register 0.
0x00004000
R/W
0x406
MASK1
Interrupt Enable Register 1.
0x00004000
R/W
0x407
MASK2
Interrupt Enable Register 2.
0x00000000
R/W
0x408
MASK3
Interrupt Enable Register 3.
0x00000000
R/W
0x409
ERROR_MASK
Firmware Status Interrupt Enable Register.
0x007FFFFF
R/W
0x40A
VERSION
Version of ADE9178 IC.
0x01000000
R
0x40B
VERSION2
Metrology Algorithm Version.
0x09FD5D0D
R
0x600
AVRMS_1
SPI Burst Read Access by Function. See AVRMS.
0x00000000
R
0x601
BVRMS_1
SPI Burst Read Access by Function. See BVRMS.
0x00000000
R
0x602
CVRMS_1
SPI Burst Read Access by Function. See CVRMS.
0x00000000
R
0x603
AIRMS_1
SPI Burst Read Access by Function. See AIRMS.
0x00000000
R
0x604
BIRMS_1
SPI Burst Read Access by Function. See BIRMS.
0x00000000
R
0x605
CIRMS_1
SPI Burst Read Access by Function. See CIRMS.
0x00000000
R
0x606
AUX0RMS_1
SPI Burst Read Access by Function. See AUX0RMS.
0x00000000
R
0x607
AUX1RMS_1
SPI Burst Read Access by Function. See AUX1RMS.
0x00000000
R
0x608
AUX2RMS_1
SPI Burst Read Access by Function. See AUX2RMS.
0x00000000
R
0x609
AUX3RMS_1
SPI Burst Read Access by Function. See AUX3RMS.
0x00000000
R
0x60A
AUX4RMS_1
SPI Burst Read Access by Function. See AUX4RMS.
0x00000000
R
0x60B
AUX5RMS_1
SPI Burst Read Access by Function. See AUX5RMS.
0x00000000
R
0x60C
AWATT_1
SPI Burst Read Access by Function. See AWATT.
0x00000000
R
0x60D
BWATT_1
SPI Burst Read Access by Function. See BWATT.
0x00000000
R
0x60E
CWATT_1
SPI Burst Read Access by Function. See CWATT.
0x00000000
R
0x60F
AVA_1
SPI Burst Read Access by Function. See AVA.
0x00000000
R
0x610
BVA_1
SPI Burst Read Access by Function. See BVA.
0x00000000
R
0x611
CVA_1
SPI Burst Read Access by Function. See CVA.
0x00000000
R
0x612
APF_1
SPI Burst Read Access by Function. See APF.
0x00000000
R
0x613
BPF_1
SPI Burst Read Access by Function. See BPF.
0x00000000
R
0x614
CPF_1
SPI Burst Read Access by Function. See CPF.
0x00000000
R
0x615
AVRMSONE_1
SPI Burst Read Access by Function. See AVRMSONE.
0x00000000
R
0x616
BVRMSONE_1
SPI Burst Read Access by Function. See BVRMSONE.
0x00000000
R
0x617
CVRMSONE_1
SPI Burst Read Access by Function. See CVRMSONE.
0x00000000
R
0x618
AIRMSONE_1
SPI Burst Read Access by Function. See AIRMSONE.
0x00000000
R
0x619
BIRMSONE_1
SPI Burst Read Access by Function. See BIRMSONE.
0x00000000
R
0x61A
CIRMSONE_1
SPI Burst Read Access by Function. See CIRMSONE.
0x00000000
R
0x61B
AUX0RMSONE_1
SPI Burst Read Access by Function. See AUX0RMSONE.
0x00000000
R
0x61C
AUX1RMSONE_1
SPI Burst Read Access by Function. See AUX1RMSONE.
0x00000000
R
0x61D
AUX2RMSONE_1
SPI Burst Read Access by Function. See AUX2RMSONE.
0x00000000
R
0x61E
AUX3RMSONE_1
SPI Burst Read Access by Function. See AUX3RMSONE.
0x00000000
R
0x61F
AUX4RMSONE_1
SPI Burst Read Access by Function. See AUX4RMSONE.
0x00000000
R
0x620
AUX5RMSONE_1
SPI Burst Read Access by Function. See AUX5RMSONE.
0x00000000
R
0x621
VSUMRMSONE_1
SPI Burst Read Access by Function. See VSUMRMSONE.
0x00000000
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com