Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 113 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 113 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 109Page - Cirrus Logic WM8994ECS/R Datasheet HTML 110Page - Cirrus Logic WM8994ECS/R Datasheet HTML 111Page - Cirrus Logic WM8994ECS/R Datasheet HTML 112Page - Cirrus Logic WM8994ECS/R Datasheet HTML 113Page - Cirrus Logic WM8994ECS/R Datasheet HTML 114Page - Cirrus Logic WM8994ECS/R Datasheet HTML 115Page - Cirrus Logic WM8994ECS/R Datasheet HTML 116Page - Cirrus Logic WM8994ECS/R Datasheet HTML 117Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 363 page
background image
WM8994
Rev 4.6
113
OUTPUT SIGNAL PATHS ENABLE
The output mixers and drivers can be independently enabled and disabled as described in Table 53.
The supply rails for headphone outputs HPOUT1L and HPOUT1R are generated using an integrated
dual-mode Charge Pump, which must be enabled whenever the headphone outputs are used. See the
“Charge Pump” section for details on enabling and configuring this circuit.
Note that the headphone outputs HPOUT1L and HPOUT1R have dedicated output PGAs and volume
controls. As a result, a low power consumption DAC playback path can be supported without needing
to enable the output mixers MIXOUTL / MIXOUTR or the mixer output PGAs MIXOUTLVOL /
MIXOUTRVOL.
Note that the Headphone Outputs are also controlled by fields located within Register R96, which
provide suppression of pops & clicks when enabling and disabling the HPOUT1L and HPOUT1R
signal paths. These registers are described in the following “Headphone Signal Paths Enable” section.
Under recommended usage conditions, the Headphone Pop Suppression control bits will be
configured by scheduling the default Start-
Up and Shutdown sequences as described in the “Control
Write Sequencer
” section. In these cases, the user does not need to set the register fields in R1 and
R96 directly.
For normal operation of the output signal paths, the reference voltage VMID and the bias current must
also be enabled. See “Reference Voltages and Master Bias” for details of the associated controls
VMID_SEL and BIAS_ENA.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1 (0001h)
Power
Management
(1)
13
SPKOUTR_ENA
0
SPKMIXR Mixer, SPKRVOL PGA
and SPKOUTR Output Enable
0 = Disabled
1 = Enabled
12
SPKOUTL_ENA
0
SPKMIXL Mixer, SPKLVOL PGA
and SPKOUTL Output Enable
0 = Disabled
1 = Enabled
11
HPOUT2_ENA
0
HPOUT2 Output Stage Enable
0 = Disabled
1 = Enabled
9
HPOUT1L_ENA
0
Enables HPOUT1L input stage
0 = Disabled
1 = Enabled
For normal operation, this bit should
be set as the first step of the
HPOUT1L Enable sequence.
8
HPOUT1R_ENA
0
Enables HPOUT1R input stage
0 = Disabled
1 = Enabled
For normal operation, this bit should
be set as the first step of the
HPOUT1R Enable sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com