Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 117 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 117 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 113Page - Cirrus Logic WM8994ECS/R Datasheet HTML 114Page - Cirrus Logic WM8994ECS/R Datasheet HTML 115Page - Cirrus Logic WM8994ECS/R Datasheet HTML 116Page - Cirrus Logic WM8994ECS/R Datasheet HTML 117Page - Cirrus Logic WM8994ECS/R Datasheet HTML 118Page - Cirrus Logic WM8994ECS/R Datasheet HTML 119Page - Cirrus Logic WM8994ECS/R Datasheet HTML 120Page - Cirrus Logic WM8994ECS/R Datasheet HTML 121Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 363 page
background image
WM8994
Rev 4.6
117
OUTPUT MIXER CONTROL
The Output Mixer path select and volume controls are described in Table 57 for the Left Channel
(MIXOUTL) and Table 58 for the Right Channel (MIXOUTR). The gain of each of input path may be
controlled independently in the range described in Table 59.
Note that the DAC input levels may also be controlled by the DAC digital volume controls (s
ee “Digital
to Analogue Converter (DAC)
”) and the Audio Interface digital volume controls (see “Digital Volume
and Filter Control
”).
When using the IN2LP, IN2LN, IN2RP or IN2RN signal paths to the output mixers, the buffered VMID
reference must be enabled, using the VMID_BUF_ENA register, as described in “Reference Voltages
and Master Bias
”.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R45 (002Dh)
Output Mixer
(1)
5
IN2RN_TO_MIXOUTL
0
IN2RN to MIXOUTL Mute
0 = Mute
1 = Un-mute
Note that VMID_BUF_ENA must be
set when using the IN2RN input to
MIXOUTL.
R49 (0031h)
Output Mixer
(5)
8:6
IN2RN_MIXOUTL_VOL
[2:0]
000
IN2RN to MIXOUTL Volume
0dB to -21dB in 3dB steps
000 = 0dB
001 = -3dB
…(3dB steps)
111 = -21dB
(See Table 59 for Volume Range)
R45 (002Dh)
Output Mixer
(1)
4
IN2LN_TO_MIXOUTL
0
IN2LN to MIXOUTL Mute
0 = Mute
1 = Un-mute
Note that VMID_BUF_ENA must be
set when using the IN2LN input to
MIXOUTL.
R47 (002Fh)
Output Mixer
(3)
8:6
IN2LN_MIXOUTL_VOL
[2:0]
000
IN2LN to MIXOUTL Volume
0dB to -21dB in 3dB steps
000 = 0dB
001 = -3dB
…(3dB steps)
111 = -21dB
(See Table 59 for Volume Range)
R45 (002Dh)
Output Mixer
(1)
2
IN1L_TO_MIXOUTL
0
IN1L PGA Output to MIXOUTL
Mute
0 = Mute
1 = Un-mute
R47 (002Fh)
Output Mixer
(3)
2:0
IN1L_MIXOUTL_VOL
[2:0]
000
IN1L PGA Output to MIXOUTL
Volume
0dB to -21dB in 3dB steps
000 = 0dB
001 = -3dB
…(3dB steps)
111 = -21dB
(See Table 59 for Volume Range)
R45 (002Dh)
Output Mixer
(1)
3
IN1R_TO_MIXOUTL
0
IN1R PGA Output to MIXOUTL
Mute
0 = Mute
1 = Un-mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com