Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 155 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 155 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 151Page - Cirrus Logic WM8994ECS/R Datasheet HTML 152Page - Cirrus Logic WM8994ECS/R Datasheet HTML 153Page - Cirrus Logic WM8994ECS/R Datasheet HTML 154Page - Cirrus Logic WM8994ECS/R Datasheet HTML 155Page - Cirrus Logic WM8994ECS/R Datasheet HTML 156Page - Cirrus Logic WM8994ECS/R Datasheet HTML 157Page - Cirrus Logic WM8994ECS/R Datasheet HTML 158Page - Cirrus Logic WM8994ECS/R Datasheet HTML 159Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 363 page
background image
WM8994
Rev 4.6
155
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1864
(0748h)
IRQ
Debounce
4
MIC2_SHRT
_DB
1
MICBIAS2 Short Circuit de-bounce
0 = Disabled
1 = Enabled
3
MIC2_DET_
DB
1
MICBIAS2 Current Detect de-bounce
0 = Disabled
1 = Enabled
2
MIC1_SHRT
_DB
1
MICBIAS1 Short Circuit de-bounce
0 = Disabled
1 = Enabled
1
MIC1_DET_
DB
1
MICBIAS1 Current Detect de-bounce
0 = Disabled
1 = Enabled
Table 83 MICBIAS Enable and GPIO/Interrupt Control
FREQUENCY LOCKED LOOP (FLL) LOCK STATUS OUTPUT
The WM8994 maintains a flag indicating the lock status of each of FLLs, which may be used to control
other events if required. See “Clocking and Sample Rates” for more details of the FLL.
The FLL Lock signals may be output directly on any GPIO pin by setting the respective GPIO registers
as described in “GPIO Control”.
The FLL Lock signals are inputs to the Interrupt control circuit. An interrupt event is triggered on the
rising and falling edges of the FLL Lock signals. The associated interrupt bits are latched once set;
they
can be polled at any time or used to control the IRQ signal. See “Interrupts” for more details of
the Interrupt event handling.
SAMPLE RATE CONVERTER (SRC) LOCK STATUS OUTPUT
The WM8994 maintains a flag indicating the lock status of each of Sample Rate Converters, which
may be used to control other events if required. See “Sample Rate Conversion” for more details of the
Sample Rate Converters.
The SRC Lock signals may be output directly on any GPIO pin by setting the respective GPIO
registers as described in “GPIO Control”.
The SRC Lock signals are inputs to the Interrupt control circuit, after the selectable de-bounce. An
interrupt event is triggered on the rising and falling edges of the SRC Lock signals. The associated
interrupt bits are latched once set; they can be polled at any time or used to control the IRQ signal.
See “Interrupts” for more details of the Interrupt event handling.
DYNAMIC RANGE CONTROL (DRC) SIGNAL ACTIVITY DETECTION
Signal activity detection is provided on each of the Dynamic Range Controllers (DRCs). These may be
configured to indicate when a signal is present on the respective signal path. The signal activity status
signals may be used to control other events if required. See “Digital Core Architecture” for more
details of the DRCs and the available digital signal paths.
When a DRC is enabled, as described in “Dynamic Range Control (DRC)”, then signal activity
detection can be enabled by setting the respective [DRC]_SIG_DET register bit. The applicable
threshold can be defined either as a Peak level (Crest Factor) or an RMS level, depending on the
[DRC]_SIG_DET_MODE register bit. When Peak level is selected, the threshold is determined by
[DRC]_SIG_DET_PK, which defines the applicable Crest Factor (Peak to RMS ratio) threshold. If
RMS level is selected, then the threshold is set using [DRC]_SIG_DET_RMS. These register fields
are set independently for each of the three Dynamic Range Controllers, as described in Table 84.
The DRC Signal Detect signals may be output directly on any GPIO pin by setting the respective
GPIO registers as described
in “GPIO Control”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com