Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 153 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 153 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 149Page - Cirrus Logic WM8994ECS/R Datasheet HTML 150Page - Cirrus Logic WM8994ECS/R Datasheet HTML 151Page - Cirrus Logic WM8994ECS/R Datasheet HTML 152Page - Cirrus Logic WM8994ECS/R Datasheet HTML 153Page - Cirrus Logic WM8994ECS/R Datasheet HTML 154Page - Cirrus Logic WM8994ECS/R Datasheet HTML 155Page - Cirrus Logic WM8994ECS/R Datasheet HTML 156Page - Cirrus Logic WM8994ECS/R Datasheet HTML 157Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 363 page
background image
WM8994
Rev 4.6
153
SDOUT (4-WIRE SPI CONTROL INTERFACE DATA)
The WM8994 can support a number of different Control Interface protocols. In 4-wire SPI mode, a
GPIO pin must be configured as SDOUT. See “Control Interface” for further details.
A GPIO pin configured as SDOUT
can be configured as CMOS or Wired ‘OR’ using the SPI_CFG
register. Note that the GPn_OP_CFG and GPn_POL registers have no effect on a GPIO pin that is
configured as SDOUT.
INTERRUPT (IRQ) STATUS OUTPUT
The WM8994 has an Interrupt Controller which can be used to indicate when any selected Interrupt
events occur. An interrupt can be generated by any of the events described throughout the GPIO
function definition above. Individual interrupts may be masked in order to configure the Interrupt as
required. See “Interrupts” for further details.
The Interrupt (IRQ) status may be output directly on any GPIO pin by setting the respective GPIO
registers as de
scribed in “GPIO Control”.
OVER-TEMPERATURE DETECTION
The WM8994 incorporates a temperature sensor which detects when the device temperature is within
normal limits or if the device is approaching a hazardous temperature condition.
The Temperature status may be output directly on any GPIO pin by setting the respective GPIO
registers as described in “GPIO Control”. Any GPIO pin can be used to indicate either a Warning
Temperature event or the Shutdown Temperature event. De-bounce can be applied to the applicable
signal using the register bits described in Table 82.
The Warning Temperature and Shutdown Temperature status are inputs to the Interrupt control circuit,
after the selectable de-bounce. An interrupt event may be triggered on the rising and falling edges of
these signals. The associated interrupt bit is latched once set; it can be polled at any time or used to
control the IRQ signal. See “Interrupts” for more details of the Interrupt event handling.
Note that the temperature sensor can be configured to automatically disable the audio outputs of the
WM8994 (see “Thermal Shutdown”). In some applications, it may be preferable to manage the
temperature sensor event through GPIO or Interrupt functions, allowing a host processor to implement
a controlled system response to an over-temperature condition.
The temperature sensor must be enabled by setting the TSHUT_ENA register bit. When the
TSHUT_OPDIS is also set, then a device over-temperature condition will cause the speaker outputs
(SPKOUTL and SPKOUTR) of the WM8994 to be disabled.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R2 (0002h)
Power
Management
(2)
14
TSHUT_EN
A
1
Thermal sensor enable
0 = Disabled
1 = Enabled
13
TSHUT_OP
DIS
1
Thermal shutdown control
(Causes audio outputs to be disabled if an
overtemperature occurs. The thermal sensor
must also be enabled.)
0 = Disabled
1 = Enabled
R1864
(0748h)
IRQ
Debounce
0
TEMP_WAR
N_DB
0
Thermal Warning de-bounce
0 = Disabled
1 = Enabled
0
TEMP_SHU
T_DB
0
Thermal shutdown de-bounce
0 = Disabled
1 = Enabled
Table 82 Temperature Sensor Enable and GPIO/Interrupt Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com