Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 150 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 150 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 146Page - Cirrus Logic WM8994ECS/R Datasheet HTML 147Page - Cirrus Logic WM8994ECS/R Datasheet HTML 148Page - Cirrus Logic WM8994ECS/R Datasheet HTML 149Page - Cirrus Logic WM8994ECS/R Datasheet HTML 150Page - Cirrus Logic WM8994ECS/R Datasheet HTML 151Page - Cirrus Logic WM8994ECS/R Datasheet HTML 152Page - Cirrus Logic WM8994ECS/R Datasheet HTML 153Page - Cirrus Logic WM8994ECS/R Datasheet HTML 154Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 363 page
background image
WM8994
150
Rev 4.6
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1794
(0701h)
GPIO3
to
R1802
(070Ah)
GPIO11
15
GPn_DIR
1
GPIOn Pin Direction
0 = Output
1 = Input
14
GPn_PU
0
GPIOn Pull-Up Enable
0 = Disabled
1 = Enabled
13
GPn_PD
1
GPIOn Pull-Down Enable
0 = Disabled
1 = Enabled
10
GPn_POL
0
GPIOn Polarity Select
0 = Non-inverted (Active High)
1 = Inverted (Active Low)
9
GPn_OP_CFG
0
GPIOn Output Configuration
0 = CMOS
1 = Open Drain
8
GPn_DB
1
GPIOn Input De-bounce
0 = Disabled
1 = Enabled
6
GPn_LVL
0
GPIOn level. Write to this bit to set
a GPIO output. Read from this bit to
read GPIO input level.
For output functions only, when
GPn_POL is set, the register
contains the opposite logic level to
the external pin.
4:0
GPn_FN [4:0]
0001
GPIOn Pin Function
(see Table 81 for details)
Note: n is a number between 3 and 11 that identifies the individual GPIO.
Table 80 GPIO3 to GPIO11 Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com