Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 146 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 146 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 142Page - Cirrus Logic WM8994ECS/R Datasheet HTML 143Page - Cirrus Logic WM8994ECS/R Datasheet HTML 144Page - Cirrus Logic WM8994ECS/R Datasheet HTML 145Page - Cirrus Logic WM8994ECS/R Datasheet HTML 146Page - Cirrus Logic WM8994ECS/R Datasheet HTML 147Page - Cirrus Logic WM8994ECS/R Datasheet HTML 148Page - Cirrus Logic WM8994ECS/R Datasheet HTML 149Page - Cirrus Logic WM8994ECS/R Datasheet HTML 150Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 363 page
background image
WM8994
146
Rev 4.6
LINEOUT1N
LINEOUT1P
+
LINEOUT1NMIX
LINEOUT1PMIX
MIXOUTLVOL
MIXOUTRVOL
Min = -57dB
Max = +6dB
Step = 1dB
Min = -57dB
Max = +6dB
Step = 1dB
0dB or -6dB
0dB or -6dB
LINEOUT2N
LINEOUT2P
+
LINEOUT2NMIX
LINEOUT2PMIX
0dB or -6dB
0dB or -6dB
+
+
MIXOUTLVOL
IN1L
IN1R
MIXOUTRVOL
IN1R
IN1L
MIXOUTLVOL
MIXOUTLVOL
IN1L
IN1R
MIXOUTRVOL
IN1R
IN1L
MIXOUTRVOL
IN1L
IN1R
IN1L
IN1R
Ground Loop
Noise Rejection
Ground Loop
Noise Rejection
Ground Loop
Noise Rejection
Ground Loop
Noise Rejection
LINEOUT1N_MUTE=0, LINEOUT1P_MUTE=0
LINEOUT2N_MUTE=0, LINEOUT2P_MUTE=0
LINEOUT1_MODE=0
LINEOUT2_MODE=0
MIXOUTL_TO_LINEOUT1P=1
MIXOUTR_TO_LINEOUT2P=1
LINEOUT1N
LINEOUT1P
+
LINEOUT1NMIX
LINEOUT1PMIX
MIXOUTLVOL
MIXOUTRVOL
Min = -57dB
Max = +6dB
Step = 1dB
Min = -57dB
Max = +6dB
Step = 1dB
0dB or -6dB
0dB or -6dB
LINEOUT2N
LINEOUT2P
+
LINEOUT2NMIX
LINEOUT2PMIX
0dB or -6dB
0dB or -6dB
+
+
MIXOUTLVOL
IN1L
IN1R
MIXOUTRVOL
IN1R
IN1L
MIXOUTLVOL
MIXOUTLVOL
IN1L
IN1R
MIXOUTRVOL
IN1R
IN1L
MIXOUTRVOL
IN1L
IN1R
IN1L
IN1R
Ground Loop
Noise Rejection
Ground Loop
Noise Rejection
Ground Loop
Noise Rejection
Ground Loop
Noise Rejection
LINEOUT1N_MUTE=0, LINEOUT1P_MUTE=0
LINEOUT2N_MUTE=0, LINEOUT2P_MUTE=0
LINEOUT1_MODE=1
MIXOUTL_TO_LINEOUT1P=1
MIXOUTR_TO_LINEOUT1N=1
LINEOUT_VMID_BUF_ENA=1
Figure 39
Stereo Differential Line Out from
MIXOUTL and MIXOUTR
Figure 40
Stereo Single-Ended Line Out from
MIXOUTL and MIXOUTR to LINEOUT1
LINEOUT1N
LINEOUT1P
+
LINEOUT1NMIX
LINEOUT1PMIX
MIXOUTLVOL
MIXOUTRVOL
Min = -57dB
Max = +6dB
Step = 1dB
Min = -57dB
Max = +6dB
Step = 1dB
0dB or -6dB
0dB or -6dB
LINEOUT2N
LINEOUT2P
+
LINEOUT2NMIX
LINEOUT2PMIX
0dB or -6dB
0dB or -6dB
+
+
MIXOUTLVOL
IN1L
IN1R
MIXOUTRVOL
IN1R
IN1L
MIXOUTLVOL
MIXOUTLVOL
IN1L
IN1R
MIXOUTRVOL
IN1R
IN1L
MIXOUTRVOL
IN1L
IN1R
IN1L
IN1R
Ground Loop
Noise Rejection
Ground Loop
Noise Rejection
Ground Loop
Noise Rejection
Ground Loop
Noise Rejection
LINEOUT1N_MUTE=0, LINEOUT1P_MUTE=0
LINEOUT2N_MUTE=0, LINEOUT2P_MUTE=0
LINEOUT1_MODE=1
MIXOUTL_TO_LINEOUT2N=1
MIXOUTR_TO_LINEOUT2P=1
LINEOUT_VMID_BUF_ENA=1
LINEOUT1N
LINEOUT1P
+
LINEOUT1NMIX
LINEOUT1PMIX
MIXOUTLVOL
MIXOUTRVOL
Min = -57dB
Max = +6dB
Step = 1dB
Min = -57dB
Max = +6dB
Step = 1dB
0dB or -6dB
0dB or -6dB
LINEOUT2N
LINEOUT2P
+
LINEOUT2NMIX
LINEOUT2PMIX
0dB or -6dB
0dB or -6dB
+
+
MIXOUTLVOL
IN1L
IN1R
MIXOUTRVOL
IN1R
IN1L
MIXOUTLVOL
MIXOUTLVOL
IN1L
IN1R
MIXOUTRVOL
IN1R
IN1L
MIXOUTRVOL
IN1L
IN1R
IN1L
IN1R
Ground Loop
Noise Rejection
Ground Loop
Noise Rejection
Ground Loop
Noise Rejection
Ground Loop
Noise Rejection
LINEOUT1N_MUTE=0, LINEOUT1P_MUTE=0
LINEOUT2N_MUTE=0, LINEOUT2P_MUTE=0
LINEOUT1_MODE=1
LINEOUT2_MODE=1
MIXOUTL_TO_LINEOUT1N=1 and/or
MIXOUTL_TO_LINEOUT1P=1
MIXOUTR_TO_LINEOUT2N=1 and/or
MIXOUTR_TO_LINEOUT2P=1
LINEOUT_VMID_BUF_ENA=1
Figure 41
Stereo Single-Ended Line Out from
MIXOUTL and MIXOUTR to LINEOUT2
Figure 42
Mono Line Out to LINEOUT1N,
LINEOUT1P, LINEOUT2N, LINEOUT2P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com