Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 144 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 144 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 140Page - Cirrus Logic WM8994ECS/R Datasheet HTML 141Page - Cirrus Logic WM8994ECS/R Datasheet HTML 142Page - Cirrus Logic WM8994ECS/R Datasheet HTML 143Page - Cirrus Logic WM8994ECS/R Datasheet HTML 144Page - Cirrus Logic WM8994ECS/R Datasheet HTML 145Page - Cirrus Logic WM8994ECS/R Datasheet HTML 146Page - Cirrus Logic WM8994ECS/R Datasheet HTML 147Page - Cirrus Logic WM8994ECS/R Datasheet HTML 148Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 363 page
background image
WM8994
144
Rev 4.6
band under certain conditions. Possible sources of these instabilities include the inductive load of a
headphone coil or an active load in the form of an external line amplifier. The capacitance of lengthy
cables or PCB tracks can also lead to amplifier instability. The zobel network should comprise of a
20
 resistor and 100nF capacitor in series with each other, as illustrated in Figure 36.
If any ground-referenced headphone output is not used, then the zobel network components can be
omitted from the corresponding output pin, and the pin can be left floating. The respective headphone
driver(s) should not be enabled in this case.
AGND = 0V
WM8994
20
Ω
100 nF
AGND = 0V
HPOUT1L
HPOUT1R
HPOUT1FB
20
Ω
100 nF
Figure 36 Zobel Network Components for HPOUT1L and HPOUT1R
The headphone output incorporates a common mode, or ground loop, feedback path which provides
rejection of system-related ground noise. The return path is via HPOUT1FB. This pin must be
connected to ground for normal operation of the headphone output. No register configuration is
required.
Note that the HPOUT1FB pin should be connected to GND close to the headphone jack, as illustrated
in Figure 36.
EARPIECE DRIVER OUTPUT CONFIGURATIONS
The earpiece driver outputs HPOUT2P and HPOUT2N are driven by the HPOUT2MIX output mixer,
which can take inputs from the mixer output PGAs MIXOUTLVOL and MIXOUTRVOL, or from the low
power, differential Direct Voice path IN2LP/VRXN and IN2RP/VRXP. Fine volume control is available
on the output mixer paths using MIXOUTLVOL and MIXOUTRVOL. A selectable -6dB attenuation is
available on the HPOUT2MIX output, as described in Table 67 (
refer to the “Analogue Output Signal
Path
” section).
The earpiece outputs are designed to operate in a BTL configuration, driving 50mW into a typical 16
ear speaker.
For suppression of pop noise there are two separate enables for the earpiece driver; HPOUT2_ENA
enables
the
output
stage
and
HPOUT2_IN_ENA
enables
the
mixer
and
input
stage.
HPOUT2_IN_ENA should be enabled a minimum of 50
s before HPOUT2_ENA – see “Control Write
Sequencer
” section for an example power sequence.
LINE OUTPUT CONFIGURATIONS
The four line outputs LINEOUT1P, LINEOUT1N, LINEOUT2P and LINEOUT2N provide a highly
flexible combination of differential and single-ended configurations, each driven by a dedicated output
mixer. There is a selectable -6dB gain option in each mixer to avoid clipping when mixing more than
one signal into a line output. Additional volume control is available at other locations within each of the
supported signal paths. For more information about the line output mixing options, refer to the
“Analogue Output Signal Path” section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com