Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 140 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 140 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 136Page - Cirrus Logic WM8994ECS/R Datasheet HTML 137Page - Cirrus Logic WM8994ECS/R Datasheet HTML 138Page - Cirrus Logic WM8994ECS/R Datasheet HTML 139Page - Cirrus Logic WM8994ECS/R Datasheet HTML 140Page - Cirrus Logic WM8994ECS/R Datasheet HTML 141Page - Cirrus Logic WM8994ECS/R Datasheet HTML 142Page - Cirrus Logic WM8994ECS/R Datasheet HTML 143Page - Cirrus Logic WM8994ECS/R Datasheet HTML 144Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 363 page
background image
WM8994
140
Rev 4.6
GPIO / INTERRUPT OUTPUTS FROM DC SERVO
When using the DC Servo Start-Up or DAC Write modes, the DCS_CAL_COMPLETE register
provides readback of the status of the DC offset correction. This can be read from register R88 as
described in Table 71.
The DCS_CAL_COMPLETE bits can also be used as inputs to the Interrupt control circuit and used to
trigger an Interrupt event -
see “Interrupts”.
The DCS_CAL_COMPLETE bits can also be used as inputs to the GPIO function and used to
generate external logic signals indicating the DC Servo status. See “General Purpose Input/Output”
for details of how to configure a GPIO pin to output the DC Servo status.
ANALOGUE OUTPUTS
The speaker, headphone, earpiece and line outputs are highly configurable and may be used in many
different ways.
SPEAKER OUTPUT CONFIGURATIONS
The speaker outputs SPKOUTL and SPKOUTR can be driven by either of the speaker mixers,
SPKMIXL or SPKMIXR, or by the low power, differential Direct Voice path from IN2LP/VRXN and
IN2RP/VRXP. Fine volume control is available on the speaker mixer paths using the SPKLVOL and
SPKRVOL PGAs. A boost function is available on both the speaker mixer paths and the Direct Voice
path. For information on the speaker mixing options,
refer to the “Analogue Output Signal Path”
section.
The speaker outputs SPKOUTL and SPKOUTR operate in a BTL configuration in Class AB or Class D
amplifier modes. The default mode is class D but class AB mode can be selected by setting the
SPKOUT_CLASSAB register bit, as defined in Table 74.
The speaker outputs can be configured as a pair of stereo outputs, or as a single mono output. Note
that, for applications requiring only a single speaker output, it is possible to improve the THD
performance by configuring the speaker outputs in mono mode. See “Typical Performance” for further
details.
The mono configuration is selected by applying a logic high input to the SPKMODE pin (A3), as
described in Table 73. For Stereo mode this pin should be connected to GND. Note that SPKMODE is
referenced to DBVDD.
An internal pull-up resistor is enabled by default on the SPKMODE pin; this can be configured using
the SPKMODE_PU register bit described in Table 74.
SPEAKER CONFIGURATION
SPKMODE PIN (A3)
Stereo Mode
GND
Mono Mode
DBVDD
Table 73 SPKMODE Pin Function
In the mono configuration, the P channels, SPKOUTLP and SPKOUTRP should be connected
together on the PCB, and similarly with the N channels, SPKOUTLN and SPKOUTRN, as illustrated in
Figure 34. In this configuration both left and right speaker drivers should be enabled
(SPKOUTL_ENA=1 and SPKOUTR_ENA=1), but path selection and volume controls are available on
left channel only (SPKMIXL, SPKLVOL and SPKOUTLBOOST).
Note that the minimum speaker load resistance and the maximum power output has a dependency on
the SPKMODE output configuration, and also on the Class D/AB mode selection. See “Electrical
Characteristics
” for further details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com