Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 136 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 136 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 132Page - Cirrus Logic WM8994ECS/R Datasheet HTML 133Page - Cirrus Logic WM8994ECS/R Datasheet HTML 134Page - Cirrus Logic WM8994ECS/R Datasheet HTML 135Page - Cirrus Logic WM8994ECS/R Datasheet HTML 136Page - Cirrus Logic WM8994ECS/R Datasheet HTML 137Page - Cirrus Logic WM8994ECS/R Datasheet HTML 138Page - Cirrus Logic WM8994ECS/R Datasheet HTML 139Page - Cirrus Logic WM8994ECS/R Datasheet HTML 140Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 363 page
background image
WM8994
136
Rev 4.6
The Charge Pump control fields are described in Table 70.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R76 (004Ch)
Charge Pump
(1)
15
CP_ENA
0
Enable charge-pump digits
0 = Disable
1 = Enable
R77 (004Dh)
Charge Pump
(2)
15
CP_DISCH
1
Charge Pump Discharge Select
0 = Charge Pump outputs floating
when disabled
1 = Charge Pump outputs
discharged when disabled
R81 (0051h)
Class W (1)
9:8
CP_DYN_SRC_SEL
00
Selects the digital audio source for
envelope tracking
00 = AIF1, DAC Timeslot 0
01 = AIF1, DAC Timeslot 1
10 = AIF2, DAC data
11 = Reserved
0
CP_DYN_PWR
0
Enable dynamic charge pump
power control
0 = charge pump controlled by
volume register settings (Class G)
1 = charge pump controlled by
real-time audio level (Class W)
Table 70 Charge Pump Control
DC SERVO
The WM8994 provides a DC servo circuit on the headphone outputs HPOUT1L and HPOUT1R in
order to remove DC offset from these ground-referenced outputs. When enabled, the DC servo
ensures that the DC level of these outputs remains within 1mV of ground. Removal of the DC offset is
important because any deviation from GND at the output pin will cause current to flow through the
load under quiescent conditions, resulting in increased power consumption. Additionally, the presence
of DC offsets can result in audible pops and clicks at power up and power down.
The recommended usage of the DC Servo is initialised by running the default Start-Up sequence as
described in the “Control Write Sequencer” section. The default Start-Up sequence executes a series
of DC offset corrections, after which the measured offset correction is maintained on the headphone
output channels. If a different usage is required, eg. if a periodic DC offset correction is required, then
the default Start-Up sequence may be modified according to specific requirements. The relevant
control fields are described in the following paragraphs and are defined in Table 71.
DC SERVO ENABLE AND START-UP
The DC Servo circuit is enabled on HPOUT1L and HPOUT1R by setting DCS_ENA_CHAN_0 and
DCS_ENA_CHAN_1 respectively. When the DC Servo is enabled, the DC offset correction can be
commanded in a number of different ways, including single-shot and periodically recurring events.
Writing a logic 1 to DCS_TRIG_STARTUP_n initiates a series of DC offset measurements and applies
the necessary correction to the associated output; (‘n’ = 0 for Left channel, 1 for Right channel). On
completion, the headphone output will be within 1mV of AGND. This is the DC Servo mode selected
by the default Start-Up sequence. Completion of the DC offset correction triggered in this way is
indicated by the DCS_STARTUP_COMPLETE field, as described in Table 71. Typically, this operation
takes 86ms per channel.
For correct operation of the DC Servo Start-Up mode, it is important that there is no active audio
signal present on the signal path while the mode is running. The DC Servo Start-Up mode should be
scheduled at the correct position within the Headphone Output Enable sequence, as described in the
“Analogue Output Signal Path” section. All other stages of the analogue signal path should be fully
enabled prior to commanding the Start-Up mode; the DAC Digital Mute function should be used,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com