Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 135 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 135 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 131Page - Cirrus Logic WM8994ECS/R Datasheet HTML 132Page - Cirrus Logic WM8994ECS/R Datasheet HTML 133Page - Cirrus Logic WM8994ECS/R Datasheet HTML 134Page - Cirrus Logic WM8994ECS/R Datasheet HTML 135Page - Cirrus Logic WM8994ECS/R Datasheet HTML 136Page - Cirrus Logic WM8994ECS/R Datasheet HTML 137Page - Cirrus Logic WM8994ECS/R Datasheet HTML 138Page - Cirrus Logic WM8994ECS/R Datasheet HTML 139Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 363 page
background image
WM8994
Rev 4.6
135
Note that the charge pump clock is derived from internal clock SYSCLK; either MCLK or the FLL
output selectable using the SYSCLK_SRC bit. Under normal circumstances an external clock signal
must be present for the charge pump to function. However, the FLL has a free-running mode that
does not require an external clock but will generate an internal clock suitable for running the charge
pump. The clock division from SYSCLK is handled transparently by the WM8994 without user
intervention, as long as SYSCLK
and sample rates are set correctly. Refer to the “Clocking and
Sample Rates
” section for more detail on the FLL and clocking configuration.
When the Charge Pump is disabled, the output can be left floating or can be actively discharged,
depending on the CP_DISCH control bit.
If the headphone output drivers (HPOUT1L and HPOUT1R) are not used, then the Charge Pump and
the associated external components are not required. The Charge Pump and Headphone drivers
should not be enabled in this case (CP_ENA=0, HPOUT1L_ENA=0, HPOUT1R_ENA=0).
If the Charge Pump is not used, and the associated external components are omitted, then the CPCA
and CPCB pins can be left floating; the CPVOUTP and CPVOUTN pins should be grounded as
illustrated in Figure 33.
Note that, when the Charge Pump is disabled, it is still recommended that the CPVDD pin is kept
within its recommended operating conditions (1.71V to 2.0V).
CPVDD
WM8994
Charge Pump
(Disabled)
CP_ENA = 0
CPVOUTP
CPVOUTN
CPCA
CPCB
CPGND
Figure 33 External Configuration when Charge Pump not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com