Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 133 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 133 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 129Page - Cirrus Logic WM8994ECS/R Datasheet HTML 130Page - Cirrus Logic WM8994ECS/R Datasheet HTML 131Page - Cirrus Logic WM8994ECS/R Datasheet HTML 132Page - Cirrus Logic WM8994ECS/R Datasheet HTML 133Page - Cirrus Logic WM8994ECS/R Datasheet HTML 134Page - Cirrus Logic WM8994ECS/R Datasheet HTML 135Page - Cirrus Logic WM8994ECS/R Datasheet HTML 136Page - Cirrus Logic WM8994ECS/R Datasheet HTML 137Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 363 page
background image
WM8994
Rev 4.6
133
The LINEOUT2 output mixers are controlled as described in Table 69. Care should be taken to avoid
clipping when enabling more than one path to the line output mixers. The LINEOUT2_VOL control can
be used to provide -6dB attenuation when more than one full scale signal is applied.
When using the LINEOUT2 mixers in single-ended mode, a buffered VMID must be enabled. This is
achieved by setting LINEOUT_VMID_BUF_ENA, as described in the “Analogue Outputs” section.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R30 (001Eh)
Line Outputs
Volume
2
LINEOUT2N_MUTE
1
LINEOUT2N Line Output Mute
0 = Un-mute
1 = Mute
1
LINEOUT2P_MUTE
1
LINEOUT2P Line Output Mute
0 = Un-mute
1 = Mute
0
LINEOUT2_VOL
0
LINEOUT2 Line Output Volume
0 = 0dB
1 = -6dB
Applies to both LINEOUT2N and
LINEOUT2P
R53 (0035h)
Line Mixer (2)
6
MIXOUTR_TO_LINEO
UT2N
0
MIXOUTR to Single-Ended Line
Output on LINEOUT2N
0 = Mute
1 = Un-mute
(LINEOUT2_MODE = 1)
5
MIXOUTL_TO_LINEO
UT2N
0
MIXOUTL to Single-Ended Line
Output on LINEOUT2N
0 = Mute
1 = Un-mute
(LINEOUT2_MODE = 1)
4
LINEOUT2_MODE
0
LINEOUT2 Mode Select
0 = Differential
1 = Single-Ended
2
IN1L_TO_LINEOUT2P
0
IN1L Input PGA to Differential Line
Output on LINEOUT2
0 = Mute
1 = Un-mute
(LINEOUT2_MODE = 0)
1
IN1R_TO_LINEOUT2P
0
IN1R Input PGA to Differential Line
Output on LINEOUT2
0 = Mute
1 = Un-mute
(LINEOUT2_MODE = 0)
0
MIXOUTR_TO_LINEO
UT2P
0
Differential Mode
(LINEOUT2_MODE = 0):
MIXOUTR to Differential Output on
LINEOUT2
0 = Mute
1 = Un-mute
Single-Ended Mode
(LINEOUT2_MODE = 0):
MIXOUTR to Single-Ended Line
Output on LINEOUT2P
0 = Mute
1 = Un-mute
Table 69 LINEOUT2N and LINEOUT2P Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com