Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 130 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 130 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 126Page - Cirrus Logic WM8994ECS/R Datasheet HTML 127Page - Cirrus Logic WM8994ECS/R Datasheet HTML 128Page - Cirrus Logic WM8994ECS/R Datasheet HTML 129Page - Cirrus Logic WM8994ECS/R Datasheet HTML 130Page - Cirrus Logic WM8994ECS/R Datasheet HTML 131Page - Cirrus Logic WM8994ECS/R Datasheet HTML 132Page - Cirrus Logic WM8994ECS/R Datasheet HTML 133Page - Cirrus Logic WM8994ECS/R Datasheet HTML 134Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 363 page
background image
WM8994
130
Rev 4.6
EARPIECE DRIVER MIXER
The earpiece driver has a dedicated mixer, HPOUT2MIX, which is controlled using the registers
defined in Table 67. The earpiece driver is configurable to select output from the left output mixer (via
MIXOUTLVOL), the right output mixer (via MIXOUTRVOL), or
the ‘Direct Voice’ path.
The ‘Direct Voice’ path is the differential input, VRXN-VRXP, routed directly to the output drivers,
providing a low power differential path from baseband voice to earpiece. Note that a phase inversion
exists between VRXP and HPOUT2P. The ‘Direct Voice’ path output therefore represents V
VRXN -
VVRXP.
Care should be taken to avoid clipping when enabling more than one path to the earpiece driver. The
HPOUT2VOL volume control can be used to avoid clipping when more than one full scale signal is
input to the mixer.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R31 (001Fh)
HPOUT2
Volume
5
HPOUT2_MUTE
1
HPOUT2 (Earpiece Driver) Mute
0 = Un-mute
1 = Mute
4
HPOUT2_VOL
0
HPOUT2 (Earpiece Driver) Volume
0 = 0dB
1 = -6dB
R51 (0033h)
HPOUT2
Mixer
5
IN2LRP_TO_HPOUT2
0
Direct Voice (VRXN-VRXP) to
Earpiece Driver
0 = Mute
1 = Un-mute
4
MIXOUTLVOL_TO_HP
OUT2
0
MIXOUTLVOL (Left Output Mixer
PGA) to Earpiece Driver
0 = Mute
1 = Un-mute
3
MIXOUTRVOL_TO_HP
OUT2
0
MIXOUTRVOL (Right Output Mixer
PGA) to Earpiece Driver
0 = Mute
1 = Un-mute
Table 67 Earpiece Driver Mixer (HPOUT2MIX) Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com