Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 127 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 127 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 123Page - Cirrus Logic WM8994ECS/R Datasheet HTML 124Page - Cirrus Logic WM8994ECS/R Datasheet HTML 125Page - Cirrus Logic WM8994ECS/R Datasheet HTML 126Page - Cirrus Logic WM8994ECS/R Datasheet HTML 127Page - Cirrus Logic WM8994ECS/R Datasheet HTML 128Page - Cirrus Logic WM8994ECS/R Datasheet HTML 129Page - Cirrus Logic WM8994ECS/R Datasheet HTML 130Page - Cirrus Logic WM8994ECS/R Datasheet HTML 131Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 363 page
background image
WM8994
Rev 4.6
127
The speaker output PGA controls are shown in Table 64.The SPKOUT_VU bits control the loading of
the speaker PGA volume data. When SPKOUT_VU is set to 0, the volume control data will be loaded
into the respective control register, but will not actually change the gain setting. The speaker PGA
volume settings are both updated when a 1 is written to either SPKOUT_VU bit. This makes it
possible to update the gain of both output paths simultaneously.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R38 (0026h)
Speaker
Volume Left
8
SPKOUT_VU
N/A
Speaker Output PGA Volume
Update
Writing a 1 to this bit will update
SPKLVOL and SPKRVOL volumes
simultaneously.
7
SPKOUTL_ZC
0
SPKLVOL (Left Speaker Output
PGA) Zero Cross Enable
0 = Zero cross disabled
1 = Zero cross enabled
6
SPKOUTL_MUTE_N
1
SPKLVOL (Left Speaker Output
PGA) Mute
0 = Mute
1 = Un-mute
5:0
SPKOUTL_VOL [5:0]
39h
(0dB)
SPKLVOL (Left Speaker Output
PGA) Volume
-57dB to +6dB in 1dB steps
00_0000 = -57dB
00_0001 = -56dB
… (1dB steps)
11_1111 = +6dB
(See Table 65 for output PGA
volume control range)
R39 (0027h)
Speaker
Volume Right
8
SPKOUT_VU
N/A
Speaker PGA Volume Update
Writing a 1 to this bit will update
SPKLVOL and SPKRVOL volumes
simultaneously.
7
SPKOUTR_ZC
0
SPKRVOL (Right Speaker Output
PGA) Zero Cross Enable
0 = Zero cross disabled
1 = Zero cross enabled
6
SPKOUTR_MUTE_N
1
SPKRVOL (Right Speaker Output
PGA) Mute
0 = Mute
1 = Un-mute
5:0
SPKOUTR_VOL [5:0]
39h
(0dB)
SPKRVOL (Right Speaker Output
PGA) Volume
-57dB to +6dB in 1dB steps
00_0000 = -57dB
00_0001 = -56dB
… (1dB steps)
11_1111 = +6dB
(See Table 65 for output PGA
volume control range)
Table 64 Speaker Output PGA (SPKLVOL, SPKRVOL) Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com